Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1405D650HW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # DAC1405D650HW
Description  Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1405D650HW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button DAC1405D650HW Datasheet HTML 3Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 4Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 5Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 6Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 7Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 8Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 9Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 10Page - NXP Semiconductors DAC1405D650HW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DAC1405D650_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 4 May 2009
7 of 43
NXP Semiconductors
DAC1405D650
Dual 14-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
[1]
P = power supply
G = ground
I = input
O = output.
[2]
H = heatsink (exposed die pad to be soldered)
VDDA(1V8)
81
P
analog supply voltage 1.8 V
AGND
82
G
analog ground
VDDA(1V8)
83
P
analog supply voltage 1.8 V
AGND
84
G
analog ground
IOUTBN
85
O
complementary DAC B output current
IOUTBP
86
O
DAC B output current
AGND
87
G
analog ground
n.c.
88
-
not connected
AGND
89
G
analog ground
IOUTAP
90
O
DAC A output current
IOUTAN
91
O
complementary DAC A output current
AGND
92
G
analog ground
VDDA(1V8)
93
P
analog supply voltage 1.8 V
AGND
94
G
analog ground
VDDA(1V8)
95
P
analog supply voltage 1.8 V
AGND
96
G
analog ground
VDDA(1V8)
97
P
analog supply voltage 1.8 V
AGND
98
G
analog ground
VDDA(1V8)
99
P
analog supply voltage 1.8 V
AGND
100
G
analog ground
AGND
H[2]
G
analog ground
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - DAC1405D650HW

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1405D650HW IDT-DAC1405D650HW Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650HW RENESAS-DAC1405D650HW Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
More results

Similar Description - DAC1405D650HW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1205D650 NXP-DAC1205D650 Datasheet
203Kb / 42P
   Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com