Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTU0808 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CBTU0808
Description  Dual lane PCI Express port multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTU0808 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CBTU0808 Datasheet HTML 7Page - NXP Semiconductors CBTU0808 Datasheet HTML 8Page - NXP Semiconductors CBTU0808 Datasheet HTML 9Page - NXP Semiconductors CBTU0808 Datasheet HTML 10Page - NXP Semiconductors CBTU0808 Datasheet HTML 11Page - NXP Semiconductors CBTU0808 Datasheet HTML 12Page - NXP Semiconductors CBTU0808 Datasheet HTML 13Page - NXP Semiconductors CBTU0808 Datasheet HTML 14Page - NXP Semiconductors CBTU0808 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CBTU0808_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 6 September 2007
11 of 17
NXP Semiconductors
CBTU0808
Dual lane PCI Express port multiplexer
13. Package outline
Fig 10. Package outline SOT918-1 (TFBGA48)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT918-1
MO-195
- - -
- - -
SOT918-1
05-09-21
05-10-13
UNIT
A
max
mm
1.15
0.25
0.15
0.90
0.75
0.35
0.25
5.1
4.9
5.1
4.9
A1
DIMENSIONS (mm are the original dimensions)
TFBGA48: plastic thin fine-pitch ball grid array package; 48 balls; body 5 x 5 x 0.8 mm
X
A2
b
D
E
e2
4
e1
4
e
0.5
v
0.15
w
0.05
y
0.08
y1
0.1
0
2.5
5 mm
scale
b
ball A1
index area
A
B
C
D
E
F
H
G
J
2468
13579
e2
e1
e
e
A
C
B
∅ v M
C
∅ w M
ball A1
index area
B
A
E
D
C
y
C
y1
detail X
A
A1
A2


Similar Part No. - CBTU0808

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU0808 PHILIPS-CBTU0808 Datasheet
91Kb / 16P
   Dual lane PCI Express port multiplexer
Rev. 01-2 June 2006
CBTU0808EE/G PHILIPS-CBTU0808EE/G Datasheet
91Kb / 16P
   Dual lane PCI Express port multiplexer
Rev. 01-2 June 2006
More results

Similar Description - CBTU0808

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU0808 PHILIPS-CBTU0808 Datasheet
91Kb / 16P
   Dual lane PCI Express port multiplexer
Rev. 01-2 June 2006
logo
Integrated Device Techn...
89HPES3T3 IDT-89HPES3T3 Datasheet
395Kb / 23P
   3-Lane 3-Port PCI Express Switch
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
   5-Lane 5-Port PCI Express Switch
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
89HPES6T5 IDT-89HPES6T5 Datasheet
461Kb / 28P
   6-Lane 5-Port PCI Express Switch
89PES24N3 IDT-89PES24N3 Datasheet
49Kb / 2P
   24-Lane 3-Port PCI Express Switch
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8618 AVAGO-PEX8618 Datasheet
735Kb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
PEX8619 AVAGO-PEX8619 Datasheet
1Mb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
logo
Renesas Technology Corp
89HPES16H16 RENESAS-89HPES16H16 Datasheet
472Kb / 37P
   16-Lane 16-Port PCI Express® Switch
October 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com