Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79-B2V4 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZX79-B2V4
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX79-B2V4 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZX79-B2V4 Datasheet HTML 1Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 2Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 3Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 4Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 5Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 6Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 7Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 8Page - NXP Semiconductors BZX79-B2V4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2002 Feb 27
3
NXP Semiconductors
Product data sheet
Voltage regulator diodes
BZX79 series
IR
reverse current
BZX79-B/C2V4
VR = 1 V
50
μA
BZX79-B/C2V7
VR = 1 V
20
μA
BZX79-B/C3V0
VR = 1 V
10
μA
BZX79-B/C3V3
VR = 1 V
5
μA
BZX79-B/C3V6
VR = 1 V
5
μA
BZX79-B/C3V9
VR = 1 V
3
μA
BZX79-B/C4V3
VR = 1 V
3
μA
BZX79-B/C4V7
VR = 2 V
3
μA
BZX79-B/C5V1
VR = 2 V
2
μA
BZX79-B/C5V6
VR = 2 V
1
μA
BZX79-B/C6V2
VR = 4 V
3
μA
BZX79-B/C6V8
VR = 4 V
2
μA
BZX79-B/C7V5
VR = 5 V
1
μA
BZX79-B/C8V2
VR = 5 V
700
nA
BZX79-B/C9V1
VR = 6 V
500
nA
BZX79-B/C10
VR = 7 V
200
nA
BZX79-B/C11
VR = 8 V
100
nA
BZX79-B/C12
VR = 8 V
100
nA
BZX79-B/C13
VR = 8 V
100
nA
BZX79-B/C15 to BZX79-B/C75
VR = 0.7VZnom
50
nA
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


Similar Part No. - BZX79-B2V4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX79-B2V4 PHILIPS-BZX79-B2V4 Datasheet
61Kb / 12P
   Voltage regulator diodes
2002 Feb 27
logo
GOOD-ARK Electronics
BZX79-B2V4 GOOD-ARK-BZX79-B2V4 Datasheet
320Kb / 7P
   Zener Diodes
logo
Silicon Standard Corp.
BZX79-B2V4 SSC-BZX79-B2V4 Datasheet
455Kb / 7P
   ZENER DIODES
logo
NXP Semiconductors
BZX79-B2V4 NXP-BZX79-B2V4 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
logo
Nexperia B.V. All right...
BZX79-B2V4 NEXPERIA-BZX79-B2V4 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
More results

Similar Description - BZX79-B2V4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com