Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZV55
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV55 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZV55 Datasheet HTML 1Page - NXP Semiconductors BZV55 Datasheet HTML 2Page - NXP Semiconductors BZV55 Datasheet HTML 3Page - NXP Semiconductors BZV55 Datasheet HTML 4Page - NXP Semiconductors BZV55 Datasheet HTML 5Page - NXP Semiconductors BZV55 Datasheet HTML 6Page - NXP Semiconductors BZV55 Datasheet HTML 7Page - NXP Semiconductors BZV55 Datasheet HTML 8Page - NXP Semiconductors BZV55 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BZV55_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 19 July 2007
2 of 12
NXP Semiconductors
BZV55 series
Voltage regulator diodes
3.
Ordering information
[1]
The series consists of 74 types with nominal working voltages from 2.4 V to 75 V.
4.
Marking
[1]
blue: made in China
yellow: made in Philippines
5.
Limiting values
[1]
tp = 100 µs; square wave; Tj =25 °C prior to surge
[2]
Device mounted on a ceramic substrate of 10
× 10 × 0.6 mm.
6.
Thermal characteristics
[1]
Device mounted on a ceramic substrate of 10
× 10 × 0.6 mm.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BZV55-B2V4 to
BZV55-C75[1]
-
hermetically sealed glass surface-mounted
package; 2 connectors
SOD80C
Table 4.
Marking codes
Type number
Marking code[1]
BZV55-B2V4 to BZV55-C75
marking band
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
250
mA
IZSM
non-repetitive peak reverse
current
[1] -
see
Table 8
and 9
PZSM
non-repetitive peak reverse
power dissipation
[1] -40
W
Ptot
total power dissipation
Tamb ≤ 50 °C
[2] -
400
mW
Ttp ≤ 50 °C
[2] -
500
mW
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−65
+200
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
380
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
-
-
300
K/W


Similar Part No. - BZV55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55 PHILIPS-BZV55 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
General Semiconductor
BZV55 GE-BZV55 Datasheet
294Kb / 7P
   ZENER DIODES
logo
Vishay Siliconix
BZV55 VISHAY-BZV55 Datasheet
240Kb / 7P
   Zener Diodes
26-Apr-02
logo
Shenzhen Ping Sheng Ele...
BZV55 PFS-BZV55 Datasheet
284Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nexperia B.V. All right...
BZV55 NEXPERIA-BZV55 Datasheet
1Mb / 13P
   Voltage regulator diodes
Rev. 5 - 26 January 2011
More results

Similar Description - BZV55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com