Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3M-200P-30H03 Datasheet(PDF) 4 Page - Hirose Electric

Part # IT3M-200P-30H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3M-200P-30H03 Datasheet(HTML) 4 Page - Hirose Electric

  IT3M-200P-30H03 Datasheet HTML 1Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 2Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 3Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 4Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 5Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 6Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 7Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 8Page - Hirose Electric IT3M-200P-30H03 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
sSignal Integrity
qPin assignment
For the fully-populated pin assignment, adjacent pins are grouped into differential pairs as shown in the
figures below. In the following data, one victim pair and eight aggressor pairs are included.
qImpedance profile at 60ps rise time (20-80%)
The impedance profiles (of connector only) for the center pair are shown below. The IT3 receptacles are
designed with higher impedance to offset the via’s low impedance.
Signal
Ground
Victim pair
Aggressor pair
78
9
45
6
12
3
16
17
18
13
14
15
10
11
12
Mating receptacle side
Mounting receptacle side
0
200
400
600
800
1000
95
100
105
110
115
Time (ps)
S11
0
200
400
600
800
1000
95
100
105
110
115
Time (ps)
S11
0
200
400
600
800
1000
95
100
105
110
115
Time (ps)
S11
17mm Height
25mm Height
32mm Height
qDifferential propagation delay
Stacking Height (mm)
17
25
32
Delay (ps)
101.05
146.69
188.48


Similar Part No. - IT3M-200P-30H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3M-200S-BGA HIROSE-IT3M-200S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
More results

Similar Description - IT3M-200P-30H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com