Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3D-200P-30H03 Datasheet(PDF) 11 Page - Hirose Electric

Part # IT3D-200P-30H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3D-200P-30H03 Datasheet(HTML) 11 Page - Hirose Electric

Back Button IT3D-200P-30H03 Datasheet HTML 7Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 8Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 9Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 10Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 11Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 12Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 13Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 14Page - Hirose Electric IT3D-200P-30H03 Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
sDaughter card installation
After the interposer is mounted, install spacers onto motherboard. To install mating receptacle, align the
spacer holes in the daughter card with the threads on the spacers.
The spacers help align the mating receptacle with the interposer. If positioned correctly, the mating
receptacle will slip down into the interposer.
Push directly down on the assembly to lock the mating receptacle in place. Install nuts onto the spacer
threads. Tighten nuts to specified torque.
sInterposer installation
Manual Installation
Position interposer directly over mounting receptacle, aligning the polarity chamfers.
If positioned properly, the interposer should slide easily onto the mounting receptacle. Place installation cap
onto interposer and push straight down to engage the locking latches:
Locking
Latch
*Installation caps are available upon
request for manual operation
Press firmly on installation cap only,
not on wafers or interposer body
Always support PWB from
underside to prevent flexing


Similar Part No. - IT3D-200P-30H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3D-200S-BGA HIROSE-IT3D-200S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
More results

Similar Description - IT3D-200P-30H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com