Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSCDANN060MG7A3 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HSCDANN060MG7A3
Description  TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HSCDANN060MG7A3 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HSCDANN060MG7A3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HSCDANN060MG7A3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.honeywell.com/sensing
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Digital interface clock frequency
I
2C
SPI
100
50
400
800
kHz
Peak reflow temperature
-
250 [482]
Peak reflow duration
-
15
s
I
2C or SPI voltage level low
-
0.2
I
2C or SPI voltage level high
0.8
Pull up on SDA and SCL (I
2C output only)
1
kOhm


Similar Part No. - HSCDANN060MG7A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSCDANN060MGAA3 HONEYWELL-HSCDANN060MGAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSCDANN060MGAA5 HONEYWELL-HSCDANN060MGAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSCDANN060MGAB3 HONEYWELL-HSCDANN060MGAB3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSCDANN060MGAB5 HONEYWELL-HSCDANN060MGAB5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
More results

Similar Description - HSCDANN060MG7A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
SSC HONEYWELL-SSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
SSC HONEYWELL-SSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
SSC HONEYWELL-SSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSCSANN010BGAA3 HONEYWELL-SSCSANN010BGAA3 Datasheet
1Mb / 12P
   TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com