Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZA462A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZA462A
Description  Quadruple ESD transient voltage suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZA462A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZA462A Datasheet HTML 2Page - NXP Semiconductors BZA462A Datasheet HTML 3Page - NXP Semiconductors BZA462A Datasheet HTML 4Page - NXP Semiconductors BZA462A Datasheet HTML 5Page - NXP Semiconductors BZA462A Datasheet HTML 6Page - NXP Semiconductors BZA462A Datasheet HTML 7Page - NXP Semiconductors BZA462A Datasheet HTML 8Page - NXP Semiconductors BZA462A Datasheet HTML 9Page - NXP Semiconductors BZA462A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1999 May 25
8
NXP Semiconductors
Product data sheet
Quadruple ESD transient voltage
suppressor
BZA462A
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
97-02-28
01-05-04


Similar Part No. - BZA462A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
   Quadruple ESD transient voltage suppressor
1999 May 25
logo
Nexperia B.V. All right...
BZA462A NEXPERIA-BZA462A Datasheet
329Kb / 11P
   Quadruple ESD transient voltage suppressor
1999 May 25
More results

Similar Description - BZA462A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
   Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
logo
NXP Semiconductors
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
   Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
   Quadruple ESD transient voltage suppressor
1999 May 25
logo
Nexperia B.V. All right...
BZA420A NEXPERIA-BZA420A Datasheet
324Kb / 11P
   Quadruple ESD transient voltage suppressor
1999 May 20
logo
NXP Semiconductors
BZA420A PHILIPS-BZA420A Datasheet
69Kb / 12P
   Quadruple ESD transient voltage suppressor
1999 May 20
BZA800A NXP-BZA800A Datasheet
179Kb / 11P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA800A_SERIES NEXPERIA-BZA800A_SERIES Datasheet
217Kb / 12P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com