Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZA100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZA100
Description  18-fold ESD transient voltage suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZA100 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZA100 Datasheet HTML 1Page - NXP Semiconductors BZA100 Datasheet HTML 2Page - NXP Semiconductors BZA100 Datasheet HTML 3Page - NXP Semiconductors BZA100 Datasheet HTML 4Page - NXP Semiconductors BZA100 Datasheet HTML 5Page - NXP Semiconductors BZA100 Datasheet HTML 6Page - NXP Semiconductors BZA100 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1997 Dec 02
2
NXP Semiconductors
Product data sheet
18-fold ESD transient voltage
suppressor
BZA100
FEATURES
• SO20 SMD package allows 18
separate voltage regulator diodes
in a common anode configuration
• Working voltage: typ. 6.8 V
• Forward voltage: max. 1.3 V
• Maximum reverse peak power
dissipation: 27.5 W at tp = 1 ms
• Maximum clamping voltage at peak
pulse current: 11 V at 2.5 A
• Low leakage current: max. 2 µA
• ESD rating >8 kV, according
IEC 801-2.
APPLICATIONS
• Where transient overvoltage
protection in voltage and ESD
sensitive equipment is required
such as:
–Computers
–Printers
– Business machines
– Communication systems
– Medical equipment.
DESCRIPTION
18-fold monolitic transient voltage
suppressor. Its 18-fold junction
common anode design protects 18
separate lines using only one
package. This device is ideal for
situations where board space is a
premium.
PINNING
PIN
DESCRIPTION
1 to 5
cathode (k1 to k5)
6 and 16
common anode (a1; a2)
7 to 15
cathode (k6 to k14)
17 to 20
cathode (k15 to k18)
Fig.1 Pin configuration for SO20 (SOT163-1) and symbol.
handbook, 4 columns
SO20
MBG396
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
19
18
17
16
15
14
13
12
11
20
2
3
4
5
6
7
8
9
10
1
k18
k1
k17
k2
k16
k3
k15
k4
a2
k5
k14
a1
k13
k6
k12
k7
k11
k8
k10
k9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1.
DC working current limited by Ptot max.
2.
One or more diodes loaded; Ts is the temperature at the soldering point.
3.
One or more diodes loaded; device mounted on a printed-circuit board with Rth a-s = 43.5 K/W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IZ
working current
note 1
mA
IF
continuous forward current
200
mA
IFSM
non-repetitive peak forward current
tp = 1 ms; square pulse
4
A
IZSM
non-repetitive peak reverse current
tp = 1 ms; square pulse; see Fig.2
2.5
A
Ptot
total power dissipation
see Fig.3
up to Ts = 60 °C; note 2
1.6
W
up to Tamb = 25 °C; note 3
1.25
W
PZSM
non-repetitive peak reverse power
dissipation
tp = 1 ms; square pulse; see Fig.4
27.5
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C


Similar Part No. - BZA100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA100 PHILIPS-BZA100 Datasheet
60Kb / 8P
   18-fold ESD transient voltage suppressor
1997 Dec 02
More results

Similar Description - BZA100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA100 PHILIPS-BZA100 Datasheet
60Kb / 8P
   18-fold ESD transient voltage suppressor
1997 Dec 02
logo
Unisonic Technologies
UZ18C UTC-UZ18C Datasheet
159Kb / 4P
   18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
UZ18C6V8 UTC-UZ18C6V8 Datasheet
243Kb / 4P
   18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
logo
NXP Semiconductors
BZA109 PHILIPS-BZA109 Datasheet
144Kb / 12P
   9-fold ESD transient voltage suppressor
1997 Dec 01
BZA109TS PHILIPS-BZA109TS Datasheet
308Kb / 12P
   9-fold ESD Transient Suppressor
1997 Sep 08
logo
Cooper Bussmann, Inc.
TVSA02V05C004 COOPER-TVSA02V05C004 Datasheet
352Kb / 2P
   Transient Voltage ESD Suppressor
logo
Eaton All Rights Reserv...
TVSA EATON-TVSA Datasheet
401Kb / 2P
   Transient voltage ESD suppressor
logo
NXP Semiconductors
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
   Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com