Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX549A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZTX549A
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX549A Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZTX549A Datasheet HTML 1Page - Zetex Semiconductors ZTX549A Datasheet HTML 2Page - Zetex Semiconductors ZTX549A Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 1 – MARCH 94
FEATURES
* 30 Volt VCEO
* 1 Amp continuous current
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation: at Tamb=25°C
derate above 25°C
Ptot
1
5.7
W
mW/ °C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-35
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-30
V
IC=-10mA
Emitter-Base Breakdown
Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-0.1
-10
µ
A
µ
A
VCB=-30V
VCB=-30V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.25
-0.50
-0.50
-0.75
V
V
IC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
ZTX549A
-0.30
V
IC=-100mA, IB=-1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
-1.25
V
IC=-1A, IB=-100mA*
Base-Emitter
Saturation Voltage
VBE(on)
-0.85
-1
V
IC=-1A, VCE=-2V*
Static Forward Current
Transfer Ratio
hFE
70
80
40
200
130
80
IC=-50mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
ZTX549
100
160
300
IC=-500mA, VCE=-2V*
ZTX549A
150
200
500
IC=-500mA, VCE=-2V*
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
ZTX549
ZTX549A
3-191
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Transition Frequency
fT
100
MHz
IC=-100mA, VCE=-5V
f=100MHz
Output Capacitance
Cobo
25
pF
VCB=-10V, f=1MHz
Switching Times
ton
300
ns
IC=-500mA, VCC=-10V
IB1=IB2=-50mA
toff
50
ns
C
B
E
E-Line
TO92 Compatible
ZTX549
ZTX549A
3-192


Similar Part No. - ZTX549A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX549A DIODES-ZTX549A Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - ZTX549A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX550 DIODES-ZTX550 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6728 ETC-2N6728 Datasheet
28Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX554 ZETEX-ZTX554 Datasheet
56Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX549 DIODES-ZTX549_15 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552_15 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX549 DIODES-ZTX549 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX754 DIODES-ZTX754 Datasheet
83Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX550 DIODES-ZTX550_15 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX754 ZETEX-ZTX754 Datasheet
51Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com