Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4041CX25 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4041CX25
Description  10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4041CX25 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4041CX25 Datasheet HTML 1Page - NXP Semiconductors IP4041CX25 Datasheet HTML 2Page - NXP Semiconductors IP4041CX25 Datasheet HTML 3Page - NXP Semiconductors IP4041CX25 Datasheet HTML 4Page - NXP Semiconductors IP4041CX25 Datasheet HTML 5Page - NXP Semiconductors IP4041CX25 Datasheet HTML 6Page - NXP Semiconductors IP4041CX25 Datasheet HTML 7Page - NXP Semiconductors IP4041CX25 Datasheet HTML 8Page - NXP Semiconductors IP4041CX25 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IP4041CX25_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 12 February 2010
4 of 12
NXP Semiconductors
IP4041CX25
10-channel integrated filter network with ESD input protection
6.
Characteristics
Table 4.
Channel characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance
180
200
220
Ω
Cch
channel capacitance
Vbias(DC) = 0 V; f = 1 MHz
-
50
-
pF
VBR
breakdown voltage
Itest = 1 mA
6
-
15
V
ILR
reverse leakage current
per channel; VI = 3.0 V
-
-
25
nA
Table 5.
Frequency characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
α
il
insertion loss
Rgen = 50 Ω; RL = 50 Ω;
800 MHz < f < 2.4 GHz
30
35
-
dB
α
ct
crosstalk attenuation
800 MHz < f < 6 GHz;
Rgen = 50 Ω; RL = 50 Ω
adjacent channels;
input: A1; output: D1;
B1 and E1 terminated
by 50
Ω
-
−30
−20
dB
distant channels;
input: A1; output: E5;
E1 and A5 terminated
by 50
Ω
-
−36
−20
dB
1.0 kHz < f < 800 MHz;
Rgen = 50 Ω; RL = 50 Ω
adjacent channels;
input: A1; output: D1;
B1 and E1 terminated
by 50
Ω
-
−47
−30
dB
distant channels;
input: A1; output: E5;
E1 and A5 terminated
by 50
Ω
-
−55
−30
dB


Similar Part No. - IP4041CX25

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
IP4047CX6LF NEXPERIA-IP4047CX6LF Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
More results

Similar Description - IP4041CX25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4338CX24 NXP-IP4338CX24 Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4035CX24 NXP-IP4035CX24 Datasheet
245Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3338CX24 NXP-IP3338CX24_09 Datasheet
97Kb / 12P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP3338CX24 NXP-IP3338CX24 Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
IP4337CX18 NXP-IP4337CX18 Datasheet
78Kb / 12P
   7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
IP3337CX18 NXP-IP3337CX18_09 Datasheet
92Kb / 12P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
   Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com