Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV32EB-200 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV32EB-200
Description  Dual rugged ultrafast rectifier diode, 20 A, 200 V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYV32EB-200 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV32EB-200 Datasheet HTML 1Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 2Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 3Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 4Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 5Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 6Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 7Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 8Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BYV32EB-200
Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04 — 2 March 2009
Product data sheet
1.
Product profile
1.1 General description
Ultrafast dual epitaxial rectifier diode in a SOT404 (D2PAK) surface-mountable plastic
package.
1.2 Features and benefits
High reverse voltage surge capability
High thermal cycling performance
Low thermal resistance
Soft recovery characteristic minimizes
power consuming oscillations
Surface-mountable package
Very low on-state loss
1.3 Applications
Output rectifiers in high-frequency
switched-mode power supplies
1.4 Quick reference data
Table 1.
Quick reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
repetitive peak reverse voltage
-
-
200
V
IO(AV)
average output current
square-wave pulse;
δ = 0.5;
Tmb ≤ 115 °C; both diodes conducting;
see Figure 1; see Figure 2
--20
A
IRRM
repetitive peak reverse current tp =2µs; δ = 0.001
-
-
0.2
A
VESD
electrostatic discharge voltage HBM; C = 250 pF; R = 1.5 k
Ω; all pins
-
-
8
kV
Dynamic characteristics
trr
reverse recovery time
IF =1A; VR =30V; dIF/dt = 100 A/µs;
Tj = 25 °C; ramp recovery; see Figure 5
-
2025ns
IR =1A; IF =0.5 A; Tj = 25 °C; measured
at reverse current = 0.25 A; step
recovery; see Figure 6
-
1020ns
Static characteristics
VF
forward voltage
IF =8A; Tj = 150 °C; see Figure 4
-0.72
0.85
V


Similar Part No. - BYV32EB-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200 Datasheet
52Kb / 7P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
logo
WeEn Semiconductors
BYV32EB-200 WEEN-BYV32EB-200 Datasheet
412Kb / 10P
   Dual ultrafast power diode
BYV32EB-200P WEEN-BYV32EB-200P Datasheet
383Kb / 10P
   Dual ultrafast power diodes
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
More results

Similar Description - BYV32EB-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32E-200 PHILIPS-BYV32E-200_15 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
BYV32E-100 NXP-BYV32E-100 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
BYV32E-100 PHILIPS-BYV32E-100_15 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
BYV32E-100 WEEN-BYV32E-100 Datasheet
385Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com