Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV32EB-200 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYV32EB-200
Description  Dual rugged ultrafast rectifier diode, 20 A, 200 V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYV32EB-200 Datasheet(HTML) 6 Page - NXP Semiconductors

  BYV32EB-200 Datasheet HTML 1Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 2Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 3Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 4Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 5Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 6Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 7Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 8Page - NXP Semiconductors BYV32EB-200 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BYV32EB-200_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 March 2009
6 of 9
NXP Semiconductors
BYV32EB-200
Dual rugged ultrafast rectifier diode, 20 A, 200 V
7.
Package outline
Fig 8.
Package outline SOT404 (D2PAK)
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.80
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
05-02-11
06-03-16


Similar Part No. - BYV32EB-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200 Datasheet
52Kb / 7P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
logo
WeEn Semiconductors
BYV32EB-200 WEEN-BYV32EB-200 Datasheet
412Kb / 10P
   Dual ultrafast power diode
BYV32EB-200P WEEN-BYV32EB-200P Datasheet
383Kb / 10P
   Dual ultrafast power diodes
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
More results

Similar Description - BYV32EB-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32E-200 PHILIPS-BYV32E-200_15 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
BYV32E-100 NXP-BYV32E-100 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
BYV32E-100 PHILIPS-BYV32E-100_15 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
BYV32E-100 WEEN-BYV32E-100 Datasheet
385Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com