Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC20X-600 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYC20X-600
Description  Rectifier diode, hyperfast
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC20X-600 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYC20X-600 Datasheet HTML 1Page - NXP Semiconductors BYC20X-600 Datasheet HTML 2Page - NXP Semiconductors BYC20X-600 Datasheet HTML 3Page - NXP Semiconductors BYC20X-600 Datasheet HTML 4Page - NXP Semiconductors BYC20X-600 Datasheet HTML 5Page - NXP Semiconductors BYC20X-600 Datasheet HTML 6Page - NXP Semiconductors BYC20X-600 Datasheet HTML 7Page - NXP Semiconductors BYC20X-600 Datasheet HTML 8Page - NXP Semiconductors BYC20X-600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Hyperfast, epitaxial rectifier diode in a SOD113 (2-lead TO-220F) plastic package.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BYC20X-600
Rectifier diode, hyperfast
Rev. 01 — 29 November 2007
Product data sheet
I Extremely fast switching
I Low thermal resistance
I Low reverse recovery current
I Isolated package
I Reduces switching loss in associated
MOSFET
I Half-bridge or full-bridge switched-mode
power supplies
I Continuous Current Mode (CCM) Power
Factor Correction (PFC)
I Half-bridge lighting ballasts
I VRRM ≤ 600 V
I IF(AV) ≤ 20 A
I VF = 1.54 V (typ)
I trr = 19 ns (typ)
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode (k)
SOD113 (2-lead TO-220F)
2
anode (a)
mb
mounting base; isolated
2
1
mb
a
001aaa020
k


Similar Part No. - BYC20X-600

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC20X-600 WEEN-BYC20X-600 Datasheet
1Mb / 9P
   Rectifier diode, hyperfast
BYC20X-600P WEEN-BYC20X-600P Datasheet
352Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC20X-600 PHILIPS-BYC20X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
More results

Similar Description - BYC20X-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC5X-600 PHILIPS-BYC5X-600_15 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 PHILIPS-BYC20X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC10X-600.127 NXP-BYC10X-600.127 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
BYC10X-600 PHILIPS-BYC10X-600_15 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
logo
Unisonic Technologies
BYC15 UTC-BYC15 Datasheet
171Kb / 3P
   RECTIFIER DIODE, HYPERFAST
logo
NXP Semiconductors
BYC5X-600 NXP-BYC5X-600 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com