Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V060W1AZ Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DRP024V060W1AZ
Description  CliQ Din Rail Power Supply 24V 60W 1 Phase Plastic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V060W1AZ Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DRP024V060W1AZ Datasheet HTML 1Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Delta Electronics (Thailand)
Public Company Limited
909 Moo 4, E.P.Z.,
Bangpoo Industrial Estate,
Tambon Prakasa, Amphur
Muang Samutprakarn,
Samutprakarn 10280, Thailand
Tel: +662 709 2800
Fax: +662 709 2827
E-mail: VL@delta.co.th
www.deltaenergysystems.com
MECHANICAL DRAWING
CliQ Din Rail Power Supply
24V 60W 1 Phase Plastic
DRP024V060W1AZ
SAFETY / ENVIRONMENTAL
EMC / Emissions
Class B / EN55022, CISPR22, Class B;
FCC Tilte 47; EN61204-3 (Class B on AC &
Class A on DC side), EN55022:2006 Class
B, EN61000-3-2:2006, EN61000-3-3:1995/
A1:2001/A2:2005
Immunity
EN55024:1998/A1:2001/A2:2003
Safety standard
UL508, CSA C22.2 No.107.1-01,UL60950-1,
CSA C22.2 No.60950-1, IEC60950-1,
EN60950-1, EN50178, IEC62103 and
IEC60204-1
Voltage dips
Conform to EN61000-4-11
Galvanic isolation
Input to output: 4KVac
Input to ground: 1.5KVac
Output to ground: 1.5KVac
Operating ambient temperature -20°C ~ 75°C *
Storage temperature
-25°C ~ 85°C
Operating humidity
< 95%
Note (*)
* Operating amb. < 0°C until -20°C derate
power by 1% / °C; Operating amb. > 50°C
derate power by 2.5% / °C; Operating amb.
> 70°C derate power by 4% / °C


Similar Part No. - DRP024V060W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V060W1AZ DELTA-DRP024V060W1AZ Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
More results

Similar Description - DRP024V060W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V060W1AA DELTA-DRP024V060W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase
DRP024V060W3AA DELTA-DRP024V060W3AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 3 Phase
DRP012V060W1AA DELTA-DRP012V060W1AA Datasheet
972Kb / 2P
   CliQ Din Rail Power Supply 12V 60W 1 Phase
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
DRP024V240W1AA DELTA-DRP024V240W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 240W 1 Phase
DRP024V120W1AA DELTA-DRP024V120W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 120W 1 Phase
DRP024V480W3AA DELTA-DRP024V480W3AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 3 Phase
DRP024V120W3AA DELTA-DRP024V120W3AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 120W 3 Phase
DRP024V240W3AA DELTA-DRP024V240W3AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 240W 3 Phase
DRP012V015W1AZ DELTA-DRP012V015W1AZ Datasheet
992Kb / 2P
   CliQ Din Rail Power Supply 12V 15W 1 Phase Plastic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com