Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP4901 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP4901
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP4901 Datasheet HTML 5Page - Microchip Technology MCP4901 Datasheet HTML 6Page - Microchip Technology MCP4901 Datasheet HTML 7Page - Microchip Technology MCP4901 Datasheet HTML 8Page - Microchip Technology MCP4901 Datasheet HTML 9Page - Microchip Technology MCP4901 Datasheet HTML 10Page - Microchip Technology MCP4901 Datasheet HTML 11Page - Microchip Technology MCP4901 Datasheet HTML 12Page - Microchip Technology MCP4901 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 9
MCP4901/4911/4921
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-1:
DNL vs. Code (MCP4921).
FIGURE 2-2:
DNL vs. Code and
Temperature (MCP4921).
FIGURE 2-3:
DNL vs. Code and VREF,
Gain=1 (MCP4921).
FIGURE 2-4:
Absolute DNL vs.
Temperature (MCP4921).
FIGURE 2-5:
Absolute DNL vs. Voltage
Reference (MCP4921).
FIGURE 2-6:
INL vs. Code and
Temperature (MCP4921).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
1024
2048
3072
4096
Code (Decimal)
-0.2
-0.1
0
0.1
0.2
0
1024
2048
3072
4096
Code (Decimal)
125C
85C
25C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
1024
2048
3072
4096
Code (Decimal)
1
2
3
4
5.5
0.075
0.0752
0.0754
0.0756
0.0758
0.076
0.0762
0.0764
0.0766
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
12345
Voltage Reference (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1024
2048
3072
4096
Code (Decimal)
125C
85
25
Ambient Temperature


Similar Part No. - MCP4901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
1Mb / 50P
   SPI Interface with 20 MHz Clock Support
01/27/15
More results

Similar Description - MCP4901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVBXX MICROCHIP-MCP48FVBXX Datasheet
1Mb / 84P
   8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
logo
Texas Instruments
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Microchip Technology
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com