Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK98150-55A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK98150-55A
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK98150-55A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK98150-55A Datasheet HTML 5Page - NXP Semiconductors BUK98150-55A Datasheet HTML 6Page - NXP Semiconductors BUK98150-55A Datasheet HTML 7Page - NXP Semiconductors BUK98150-55A Datasheet HTML 8Page - NXP Semiconductors BUK98150-55A Datasheet HTML 9Page - NXP Semiconductors BUK98150-55A Datasheet HTML 10Page - NXP Semiconductors BUK98150-55A Datasheet HTML 11Page - NXP Semiconductors BUK98150-55A Datasheet HTML 12Page - NXP Semiconductors BUK98150-55A Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BUK98150-55A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 11 June 2007
9 of 13
NXP Semiconductors
BUK98150-55A
N-channel TrenchMOS logic level FET
7.
Package outline
Fig 17. Package outline SOT223 (SC-73)
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
SC-73
04-11-10
06-03-16
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface-mounted package with increased heatsink; 4 leads
SOT223


Similar Part No. - BUK98150-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK98150-55A PHILIPS-BUK98150-55A Datasheet
291Kb / 12P
   TrenchMOS logic level FET
Rev. 02-25 March 2002
logo
VBsemi Electronics Co.,...
BUK98150-55A VBSEMI-BUK98150-55A Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Nexperia B.V. All right...
BUK98150-55A NEXPERIA-BUK98150-55A Datasheet
749Kb / 13P
   N-channel TrenchMOS logic level FET
19 March 2014
logo
NXP Semiconductors
BUK98150-55A PHILIPS-BUK98150-55A_15 Datasheet
304Kb / 13P
   N-channel TrenchMOS logic level FET
19 March 2014
More results

Similar Description - BUK98150-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com