Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX452 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZTX452
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX452 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZTX452 Datasheet HTML 1Page - Zetex Semiconductors ZTX452 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 2 – MARCH 1994
FEATURES
* 100 Volt VCEO
* 1 Amp continuous current
*Ptot = 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX452
ZTX453
UNIT
Collector-Base Voltage
VCBO
100
120
V
Collector-Emitter Voltage
VCEO
80
100
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
ZTX452
ZTX453
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
100
120
V
IC=100µA
Collector-Emitter
Sustaining Voltage
VCEO(sus) 80
100
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
55V
IE=100µA
Collector Cut-Off
Current
ICBO
0.1
0.1
µ
A
µ
A
VCB=80V
VCB=100V
Emitter Cut-Off
Current
IEBO
0.1
0.1
µ
A
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.7
0.7
V
IC=150mA, IB=15mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.3
1.3
V
IC=150mA, IB=15mA*
Static Forward
Current Transfer
Ratio
hFE
40
10
150
40
10
200
IC=150mA, VCE=10V*
IC=1A, VCE=10V*
Transition
Frequency
fT
150
150
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
15
15
pF
VCB=10V, f=1MHz
E-Line
TO92 Compatible
ZTX452
ZTX453
3-177
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VBE(on) v IC
0.6
0.8
1.0
1.2
1.4
0.001
0.01
10
0.1
1
VCE - Collector Voltage (Volts)
Safe Operating Area
0.1
100
110
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
ZTX452
D.C.
1s
100ms
10ms
1.0ms
300µs
100µs
IC - Collector Current (Amps)
hFE v IC
0.001
0.01
10
0.1
1
20
40
60
80
100
0
0.01
1
0.1
IC/IB=10
10
0.2
0.4
0.6
0.8
IC - Collector Current (Amps)
VBE(sat) v IC
0.4
0.01
1
0.1
0.6
IC/IB=10
10
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VCE=10V
ZTX453
VCE=10V
ZTX452
ZTX453
3-178


Similar Part No. - ZTX452

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX452 DIODES-ZTX452 Datasheet
56Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - ZTX452

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX452 DIODES-ZTX452 Datasheet
56Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX650 ZETEX-ZTX650 Datasheet
64Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP43 ZETEX-BSP43 Datasheet
36Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
2N67145 DIODES-2N67145 Datasheet
41Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX450 DIODES-ZTX450_15 Datasheet
60Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX454 ZETEX-ZTX454 Datasheet
50Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX455 DIODES-ZTX455_15 Datasheet
59Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX450 DIODES-ZTX450 Datasheet
60Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX650 DIODES-ZTX650 Datasheet
73Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX652 DIODES-ZTX652 Datasheet
70Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com