Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3M-300P-17H03 Datasheet(PDF) 1 Page - Hirose Electric

Part # IT3M-300P-17H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3M-300P-17H03 Datasheet(HTML) 1 Page - Hirose Electric

  IT3M-300P-17H03 Datasheet HTML 1Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 2Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 3Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 4Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 5Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 6Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 7Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 8Page - Hirose Electric IT3M-300P-17H03 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
High-Speed(10+Gbps) BGA Mezzanine Connectors
IT3 Series
2010.02
sFlexibility
Hirose’s IT3 mezzanine connector system is as
comfortable in today’s data rates of PCIe and XAUI
as it is in tomorrow’s 10+Gbps systems.
With the ability to transmit differential, single-ended,
and power through one package and being stackable
from 15 – 40mm, IT3 can solve your interface needs
for both current and future generations.
sMechanical features
q Unique 3-piece structure for flexibility
q Stacking heights from 15 to 40mm
(
*
*15mmH is 2-piece)
q Staggered 1.5mm ∞
∞ 1.75mm ball grid array
q Number of Contacts: 100, 200, &300 signals
+ 90% additional grounds
q Differential, single-ended, and power
q Low mating/extracting forces
q Wide misalignment tolerances for multiple
connector use
q Both of SnPb and Pb-free are available
q Excellent reflow solderability
sSignal integrity features
q Insertion loss to Crosstalk Ratio (ICR)
The ICR performance meets the extrapolated
IEEE 802.3ap specification for 6.25Gbps with
fully-populated pin assignment, and 10+Gbps
with skipped pin assignment.
q Return Loss
The differential return loss meets the
extrapolated IEEE 802.3ap specification
up to 12GHz.
Interposer
Signal / Ground Configuration
Signal
Ground
Stacking Height
Contact Position
17mm
20mm
22mm
25mm
26mm
28mm
30mm
32mm
38mm
40mm
100
200
300
*
*
*
*
0
5
10
15
20
0
10
20
30
40
50
60
Frequency (GHz)
ICR
IEEE spec
0
5
10
15
20
-50
-40
-30
-20
-10
0
Frequency (GHz)
RL
IEEE Spec
sStacking height variations
* : Under planning
NEW


Similar Part No. - IT3M-300P-17H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
167Kb / 6P
   IT3D(M)-300S-BGA (37) Lead-Free
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
1Mb / 16P
   IT3D(M)-300S-BGA (57) Cross Sectioning TEST REPORT
More results

Similar Description - IT3M-300P-17H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com