Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7909-75ATE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK7909-75ATE
Description  N-channel TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7909-75ATE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7909-75ATE Datasheet HTML 2Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 3Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 4Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 5Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 6Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 7Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 8Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 9Page - NXP Semiconductors BUK7909-75ATE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BUK7909-75ATE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2009
6 of 15
NXP Semiconductors
BUK7909-75ATE
N-channel TrenchPLUS standard level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj =25°C
75
-
-
V
ID =0.25mA; VGS =0V; Tj =-55 °C
70
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj =25°C; see
Figure 9
234
V
ID =1mA; VDS = VGS; Tj = 175 °C; see
Figure 9
1-
-
V
ID =1mA; VDS = VGS; Tj =-55 °C; see
Figure 9
--4.4
V
IDSS
drain leakage current
VDS =75V; VGS =0V; Tj =25°C
-
0.1
10
µA
VDS =75V; VGS =0V; Tj = 175 °C
-
-
250
µA
V(BR)GSS
gate-source breakdown
voltage
IG =1mA; VDS =0V; Tj ≥ -55 °C;
Tj ≤ 175 °C
20
22
-
V
IG =-1mA; VDS =0V; Tj ≥ -55 °C;
Tj ≤ 175 °C
20
22
-
V
IGSS
gate leakage current
VDS =0V; VGS =10V; Tj = 25 °C
-
22
1000
nA
VDS =0V; VGS =-10 V; Tj = 25 °C
-
22
1000
nA
VDS =0V; VGS =10V; Tj = 175 °C
--10
µA
VDS =0V; VGS =-10 V; Tj = 175 °C
--10
µA
RDSon
drain-source on-state
resistance
VGS =10V; ID =50A; Tj =25°C; see
Figure 7; see Figure 8
-8
9
m
VGS =10V; ID =50A; Tj = 175 °C; see
Figure 7; see Figure 8
--19
m
VF(TSD)
temperature sense
diode forward voltage
IF = 250 µA; Tj = 25 °C
648
658
668
mV
SF(TSD)
temperature sense
diode temperature
coefficient
IF = 250 µA; Tj ≥ -55 °C; Tj ≤ 175 °C
-1.4
-1.54
-1.68
mV/K
VF(TSD)hys
temperature sense
diode forward voltage
hysteresis
IF > 125 µA; IF < 250 µA; Tj =25°C
25
32
50
mV
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =60V; VGS =10V;
Tj =25°C; see Figure 14
-
121
-
nC
QGS
gate-source charge
-
20
-
nC
QGD
gate-drain charge
-
44
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 12
-
4700
-
pF
Coss
output capacitance
-
800
-
pF
Crss
reverse transfer
capacitance
-
455
-
pF


Similar Part No. - BUK7909-75ATE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7909-75ATE NEXPERIA-BUK7909-75ATE Datasheet
733Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
More results

Similar Description - BUK7909-75ATE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com