Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3D-180S-BGA57 Datasheet(PDF) 2 Page - Hirose Electric

Part # IT3D-180S-BGA57
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3D-180S-BGA57 Datasheet(HTML) 2 Page - Hirose Electric

  IT3D-180S-BGA57 Datasheet HTML 1Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 2Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 3Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 4Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 5Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 6Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 7Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 8Page - Hirose Electric IT3D-180S-BGA57 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
Rating
sProduct Specifications
100V DC
150V duty for 60 seconds (2mA max leak)
100mA
Frequency: 20 to 500Hz; power spectrum density: 0.02G2/Hz
Overall rms G: 3.1 Grms; for 15 minutes in three directions
25˚C, 80% RH: 60 min dwell time, 30 min ramp time
65˚C, 50% RH: 60 min dwell time under 24 cycles
100 cycles
1000Mø min.
No flashover or insulation breakdown
50mø max. (height 15-24mm) (note 2)
55mø max. (height 25-32mm)
60mø max. (height 33-40mm)
1) No electrical discontinuity of 1µs or more
2) No damage, crack, or loose part
1) Contact resistance change: 20mø or less
2) Insulation resistance: 100Mø min.
3) No damage, crack or loose part
1) Contact resistance change: 20mø or less
2) No damage, crack or loose part
1. Insulation Resistance
2. Withstanding Voltage
3. Contact Resistance
4. Vibration
5. Cyclic Temperature
and Humidity
6. Durability
(Mating/Un-mating)
Item
Specification
Conditions
Note1:
Refer to IT3 derating curves on test report TR636E-20041 for power application.
Note2:
The value of contact resistance includes 2 contact points and the bulk resistance.
Current Rating: 1.0A / pin (note 1)
Voltage Rating: 50Vrms
Storage Temperature Range: -10˚C to +60˚C
Operating Humidity Range: For relative humidity,
90% max (no condensation is permitted)
Operating Temperature Range: -55˚C to +85˚C
sMaterial Information
qReceptacle
Black , UL 94V-0
Black , UL 94V-0
Contact Area : Gold (0.76 µm) over Nickel (1.5 µm)
Mounting Area : Gold (0.03 µm) over Nickel (1.5 µm)
Other
: Nickel (1.5 µm)
Sn(63)-Pb(37)
Sn(96.5)-Ag(3)-Cu(0.5)
Black
300pos
100pos and 200pos
Component
Housing
Locator
Contact
Solder Ball
Tray
Pick Up Cap
Pick Up Tape
Material
Finish & Remarks
LCP
LCP
Copper Alloy
Tin-Lead (SnPb)
Tin (Pb-Free)
Polystyrene
Stainless steel
Paper (Nomex)
qInterposer
Black , UL 94V-0
Gray , UL 94V-0
Gray , UL 94V-0
Black , UL 94V-0
Contact Area : Gold (0.76 µm) over Nickel (1.5 µm)
Other
: Nickel (1.5 µm)
----------
Component
Guide (Mounting Side)
Guide (Detachable/Mating Side)
Blade
Contact
Ground Shield
Tray
Material
Finish & Remarks
PBT
LCP
PBT
LCP
Copper Alloy
Copper Alloy
Polypropylene


Similar Part No. - IT3D-180S-BGA57

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3D-200S-BGA HIROSE-IT3D-200S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
543Kb / 6P
   IT3D(M)-300S-BGA (57) BGA Shearing Force TEST REPORT
IT3D-300S-BGA HIROSE-IT3D-300S-BGA Datasheet
1Mb / 16P
   IT3D(M)-300S-BGA (57) Cross Sectioning TEST REPORT
More results

Similar Description - IT3D-180S-BGA57

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com