Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3-300P-32H Datasheet(PDF) 11 Page - Hirose Electric

Part # IT3-300P-32H
Description  IT3 Thermal Cycling Test Report
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3-300P-32H Datasheet(HTML) 11 Page - Hirose Electric

Back Button IT3-300P-32H Datasheet HTML 7Page - Hirose Electric IT3-300P-32H Datasheet HTML 8Page - Hirose Electric IT3-300P-32H Datasheet HTML 9Page - Hirose Electric IT3-300P-32H Datasheet HTML 10Page - Hirose Electric IT3-300P-32H Datasheet HTML 11Page - Hirose Electric IT3-300P-32H Datasheet HTML 12Page - Hirose Electric IT3-300P-32H Datasheet HTML 13Page - Hirose Electric IT3-300P-32H Datasheet HTML 14Page - Hirose Electric IT3-300P-32H Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IT3 Thermal Cycling Test
TR0636E-10026
- 11 -
* 16 Layers in Total
Fig. 1
PCB Layer Structure
Fig. 2
BGA Land Design
Layer
Footprint type
Top
Daisy chain
2nd
Ground layer
3rd
Signal layer Type A
4th
Ground layer
5th
Signal layer Type B
6th
Ground layer
7th
Signal layer Type A
8th
Ground layer
9th
Signal layer Type B
10th
Ground layer
11th
Signal layer Type A
12th
Ground layer
13th
Signal layer Type B
14th
Ground layer
15th
Signal layer Type A
Bottom
Via test points
Top layer (daisy chained)
Ground (meshed. 70%
copper)
Signal (weaved 30% copper)
Bottom layer (Probing pads for failure
analysis and jumper cable)
IT3*
– 300S-BGA Foot Pattern
270-φ0.65+/-
0.05
(Solder Mask)


Similar Part No. - IT3-300P-32H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3-300P-32H03 HIROSE-IT3-300P-32H03 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
More results

Similar Description - IT3-300P-32H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR636E-10163 HIROSE-TR636E-10163 Datasheet
542Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-15H
TR636E-10164 HIROSE-TR636E-10164 Datasheet
558Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-25H
TR0636E-20009 HIROSE-TR0636E-20009 Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
RDHA710SE10A2F IRF-RDHA710SE10A2F Datasheet
1Mb / 19P
   Neutron Test Report
logo
Laird Tech Smart Techno...
HT4 LSTD-HT4 Datasheet
578Kb / 2P
   Thermal Cycling Durability
TPUTTY-508 LSTD-TPUTTY-508 Datasheet
308Kb / 1P
   Demonstrated thermal cycling stability
logo
STMicroelectronics
T1610H STMICROELECTRONICS-T1610H Datasheet
273Kb / 9P
   High thermal cycling performance
May 2013 Rev 1
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
   Qualification Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com