Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3-200S-BGA37 Datasheet(PDF) 10 Page - Hirose Electric

Part # IT3-200S-BGA37
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3-200S-BGA37 Datasheet(HTML) 10 Page - Hirose Electric

Back Button IT3-200S-BGA37 Datasheet HTML 6Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 7Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 8Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 9Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 10Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 11Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 12Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 13Page - Hirose Electric IT3-200S-BGA37 Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
sSpacers
Spacer, male-male, M3 thread
Spacers are required to support the PWB’s and protect the BGA solder joints.
Suggested spacer style is shown below:
Stacking
Height
Spacers
The recommended spacer height corresponds to the interposer stacking height as shown in the chart below:
Stacking Height
Recommended Spacer Height
17 mm
20 mm
22 mm
25 mm
26 mm
28 mm
30 mm
32 mm
38 mm
40 mm
17 +/-0.127 mm
20 +/-0.127 mm
22 +/-0.127 mm
25 +/-0.127 mm
26 +/-0.127 mm
28 +/-0.127 mm
30 +/-0.127 mm
32 +/-0.127 mm
38 +/-0.127 mm
40 +/-0.127 mm
10-
50mm
Ø3.5
Non plated through hole
10-
50mm
Recommended Spacer Location
Two spacers located diagonally are minimally
required. Some applications may require 4 spacers.
Spacers should be located 10 – 50 mm from the
corners of the receptacles to prevent excessive
mechanical loading on the interconnections.
If assembly will be subjected to vibration, spacers
should be located to prevent resonance, and
additional spacers may be required.


Similar Part No. - IT3-200S-BGA37

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3-300P-17H HIROSE-IT3-300P-17H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3-300P-32H HIROSE-IT3-300P-32H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
More results

Similar Description - IT3-200S-BGA37

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com