Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09HSI-S043-R0-CHT Datasheet(PDF) 7 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 7 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 3Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 4Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 5Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 6Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 7Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 8Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 9Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 10Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 7
FREQUENCY
(GHZ)
INSERTION LOSS
(DB)
RETURN LOSS
(DB)
WORST PAIR-TO-PAIR
NEXT (DB)
WORST PAIR-TO-PAIR
FEXT (DB)
1.25
-0.131
-44.83
-38.64
-46.83
1.5625
-0.152
-37.91
-38.93
-44.78
2.5
-0.223
-25.61
-51.05
-40.07
3.125
-0.284
-21.81
-38.30
-38.00
5
-0.392
-25.51
-30.01
-35.88
6.25
-0.490
-19.99
-44.49
-32.43
10
-0.767
-23.43
-35.88
-28.86
Table 1 Summary of SDD for pair 8 (ports 15-16) of connector only
Table 2 Summary of connector’s differential impedance and delay at 1.0 GHz
Figure 7 RL profile for pair 8 of connector only


Similar Part No. - 09HSI-S043-R0-CHT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
09HSI-S042-R0-CHT HIROSE-09HSI-S042-R0-CHT Datasheet
2Mb / 71P
   IT3 Mezzanine Connector (17mm)
More results

Similar Description - 09HSI-S043-R0-CHT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
09HSI-S042-R0-CHT HIROSE-09HSI-S042-R0-CHT Datasheet
2Mb / 71P
   IT3 Mezzanine Connector (17mm)
10HSI-S008-R0-C HIROSE-10HSI-S008-R0-C Datasheet
2Mb / 71P
   IT3 Mezzanine Connector (32mm)
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
logo
Hirose Electric
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
logo
Tyco Electronics
2102061-9 MACOM-2102061-9 Datasheet
1Mb / 4P
   High Reliability Mezzanine Connector
logo
Hirose Electric
TR0636E-20009 HIROSE-TR0636E-20009 Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
TR636E-10163 HIROSE-TR636E-10163 Datasheet
542Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-15H
TR636E-10164 HIROSE-TR636E-10164 Datasheet
558Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-25H
logo
Taoglas antenna solutio...
SP.1615.25.4.A.02 TAOGLAS-SP.1615.25.4.A.02 Datasheet
873Kb / 16P
   Globalstar 25mm 1615Mhz
AP.25E.07.0054A TAOGLAS-AP.25E.07.0054A_17 Datasheet
839Kb / 10P
   25mm One Stage GPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com