Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSR1000 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZSR1000
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR1000 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZSR1000 Datasheet HTML 1Page - Zetex Semiconductors ZSR1000 Datasheet HTML 2Page - Zetex Semiconductors ZSR1000 Datasheet HTML 3Page - Zetex Semiconductors ZSR1000 Datasheet HTML 4Page - Zetex Semiconductors ZSR1000 Datasheet HTML 5Page - Zetex Semiconductors ZSR1000 Datasheet HTML 6Page - Zetex Semiconductors ZSR1000 Datasheet HTML 7Page - Zetex Semiconductors ZSR1000 Datasheet HTML 8Page - Zetex Semiconductors ZSR1000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISSUE 3 - SEPTEMBER 2001
3
ZSR
SERIES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
3.218
3.3
3.382
V
I
O=1 to 200mA τ
3.168
3.432
V
V
in=5.3 to 20V
I
O=1 to 100mA τ
3.168
3.432
V
∆V
O
Line Regulation
V
in
=5.3 to 20V
7.5
30
mV
∆V
O
Load Regulation
I
O
=1 to 200mA
I
O=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current Change I
O=1 to 200mA
V
in=5.3 to 20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
50
µV rms
∆V
in /∆VO
Ripple Rejection
V
in=6.3 to 18V
f=120Hz
50
64
dB
V
in
Input Voltage Required To
Maintain Regulation
5.3
5
V
∆V
O /∆T
Average Temperature
Coefficient of V
O
I
O=5.0mA τ
0.1
mV/°C
ZSR330 TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=7.3V
=Tj=-55 to 125°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
2.92
3.0
3.08
V
I
O=1 to 200mA
τ 2.88
3.12
V
V
in=5 to 20V
I
O=1 to 100mA
τ
2.88
3.12
V
∆V
O
Line Regulation
V
in
=5 to 20V
10
40
mV
∆V
O
Load Regulation
I
O
=1 to 200mA
IO=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current Change I
O=1 to 200mA
V
in=5 to 20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
75
µV rms
∆V
in /∆VO
Ripple Rejection
V
in=6 to 18V
f=120Hz
48
62
dB
V
in
Input Voltage Required To
Maintain Regulation
5
4.7
V
∆V
O /∆T
Average Temperature
Coefficient of V
O
I
O=5.0mA
τ
0.1
mV/°C
ZSR300 TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=7V


Similar Part No. - ZSR1000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR1000 ZETEX-ZSR1000 Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR1000C ZETEX-ZSR1000C Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR1000G ZETEX-ZSR1000G Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSR1000GTA DIODES-ZSR1000GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR1000GTA ZETEX-ZSR1000GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
More results

Similar Description - ZSR1000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com