Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWR200 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SWR200
Description  Precision Sine Wave Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SWR200 Datasheet(HTML) 4 Page - Cirrus Logic

  SWR200 Datasheet HTML 1Page - Cirrus Logic SWR200 Datasheet HTML 2Page - Cirrus Logic SWR200 Datasheet HTML 3Page - Cirrus Logic SWR200 Datasheet HTML 4Page - Cirrus Logic SWR200 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SWR200
4
SWR200DS
P r o d u c t I n n o v a t i o n F r o m
3. THEORY OF OPERATION
The following refers to the schematic in Figure 1. A1 and A2 are connected as a phase-shift oscillator circuit with
the frequency set by the external capacitors C1 and C2. Q4 is included in the feedback loop of A1 as a gain control
element.
The oscillator output is fed to the chopper amplifier which develops an absolute value representation of the oscillator
output. The chopper output is compared to a precision DC reference in integrator amplifier A3. This DC error signal
is used ot control the gain setting FET Q4.
As in all precision zener based DC references, the drift of the zener becomes nonlinear at temperature extremes.
The chopper amplifier drift characteristic is complementary to this nonlinearity and compensates for the reference
drift.
4. APPLICATION INFORMATION
Figure 1 shows the connections for the SWR200 including the two frequency setting capacitors. The frequency is:
f =
10-5
C
1 C2
The frequency stability is directly related to the stability of the capacitors, therefore stable capacitors like NPO ce-
ramic, or polycarbonate or polystyrene film should be used.
Two separate ground pins are provided for accurate ground sensing. This minimizes errors due to drops in the
ground pin which can become a significant source of error in sockets.
The offset of the SWR200 is fully specified for initial offset and drift and is low enough that it can normally be ne-
glected. In applications which are especially sensitive to offset the output can be AC coupled. Proper capacitor siz-
ing and high impedance sensing will minimize errors due to capacitive coupling.
EXTERNAL CONNECTIONS
PIN CONFIGURATION
TOP VIEW
SWR200
NC
NC
OUTPUT
GND SENSE
GND
NC
NC
NC
C1
C1
-PS
C2
+PS
C2


Similar Part No. - SWR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWR200 ETC1-SWR200 Datasheet
252Kb / 5P
   Precision Sine Wave Reference
logo
Cirrus Logic
SWR200 CIRRUS-SWR200 Datasheet
367Kb / 4P
   Precision Sine Wave Reference
logo
List of Unclassifed Man...
SWR200C ETC1-SWR200C Datasheet
252Kb / 5P
   Precision Sine Wave Reference
logo
Cirrus Logic
SWR200C CIRRUS-SWR200C Datasheet
367Kb / 4P
   Precision Sine Wave Reference
logo
List of Unclassifed Man...
SWR200M ETC1-SWR200M Datasheet
252Kb / 5P
   Precision Sine Wave Reference
More results

Similar Description - SWR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWR200 ETC1-SWR200 Datasheet
252Kb / 5P
   Precision Sine Wave Reference
logo
Cirrus Logic
SWR200 CIRRUS-SWR200 Datasheet
367Kb / 4P
   Precision Sine Wave Reference
logo
Texas Instruments
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
[Old version datasheet]   Precision Digital Sine- Wave Generation with the TMS32010
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
   Sine Wave Oscillators
logo
Oscilent Corporation
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
   Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
   Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
   Clipped Sine Wave
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
   Clipped Sine Wave
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
   Clipped Sine Wave
580 OSCILENT-580 Datasheet
144Kb / 2P
   Clipped Sine Wave
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com