Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21080CIH325Z-TK Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL21080CIH325Z-TK
Description  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080CIH325Z-TK Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL21080CIH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21080CIH325Z-TK Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN6934.4
May 25, 2010
FIGURE 4. LINE REGULATION, 3 UNITS
FIGURE 5. LINE REGULATION OVER-TEMPERATURE
FIGURE 6. VOUT vs TEMPERATURE NORMALIZED to
+25°C
FIGURE 7. LINE TRANSIENT RESPONSE, WITH
CAPACITIVE LOAD
FIGURE 8. LINE TRANSIENT RESPONSE
FIGURE 9. LOAD REGULATION OVER-TEMPERATURE
Typical Performance Characteristics Curves V
OUT = 0.9V, VIN = 3.0V, IOUT = 0mA,
TA = +25°C unless otherwise specified.
0.89980
0.89985
0.89990
0.89995
0.90000
0.90005
0.90010
0.90015
0.90020
2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
VIN (V)
TYP
HIGH
LOW
VIN (V)
-150
-100
-50
0
50
100
150
200
2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
+25°C
+85°C
-40°C
0.8990
0.8995
0.9000
0.9005
0.9010
-40 -30-20 -10 0 10
30 40 50 60 70 80
TEMPERATURE (°C)
TYP
HIGH
LOW
20
-200
-150
-100
-50
0
50
100
150
200
0 0.5
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
TIME (µs)
ΔVIN = +0.3V
ΔVIN = -0.3V
1.0
-200
-150
-100
0
50
100
150
200
ΔVIN = +0.3V
ΔVIN = -0.3V
-50
TIME (µs)
0 0.5
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
1.0
-500
0
500
-10-9 -8-7 -6 -5 -4-3-2 -1
1
3
5
7
9 10
LOAD (mA)
SINKING
SOURCING
+25°C
+85°C
-40°C
8
6
4
2
0
ISL21080


Similar Part No. - ISL21080CIH325Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21080CIH325Z-TK INTERSIL-ISL21080CIH325Z-TK Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
ISL21080CIH325Z-TK INTERSIL-ISL21080CIH325Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH325Z-TK INTERSIL-ISL21080CIH325Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
logo
Renesas Technology Corp
ISL21080CIH325Z-TK RENESAS-ISL21080CIH325Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Similar Description - ISL21080CIH325Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com