Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10150-3000PE Datasheet(PDF) 1 Page - 3M Electronics

Part # 10150-3000PE
Description  3M Mini D Ribbon (MDR) Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10150-3000PE Datasheet(HTML) 1 Page - 3M Electronics

  10150-3000PE Datasheet HTML 1Page - 3M Electronics 10150-3000PE Datasheet HTML 2Page - 3M Electronics 10150-3000PE Datasheet HTML 3Page - 3M Electronics 10150-3000PE Datasheet HTML 4Page - 3M Electronics 10150-3000PE Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050" Solder Plug Connector - Shielded
101 Series
Wiper-on-wiper contact for reliable repetitive
plugging
Solder cup termination requires no special tooling
Accepts a wide variety of discrete wire (24 to 30
AWG) cable construction
Contacts: 14, 20, 26, 36, 40 and 50
See Regulatory Information Appendix (RIA) for
chemical compliance information
Date Modified: June 1, 2008
TS-0669-C
Sheet 1 of 2
Physical
Insulation Material: Glass Reinforced Polyester
Flammability: UL 94V-0
Color: Black
Contact Material: Copper Alloy
Plating:
Underplating: 80 μ" [ 2.0 μm ] Nickel
Wiping Area: Gold (see ordering information)
Solder Tail Plating: Gold Flash over Nickel (RIA E1 & C1 apply)
Shroud Material: Steel
Plating: Nickel
Wire Accomodation: 24, 26, 28 & 30 AWG
Marking: 3M Logo and Part Number
Electrical
Current Rating: 1 A
Insulation Resistance: >1 x 108
Ω at 500V
DC
Withstanding Voltage: 500 VRMS for 1 minute
Environmental
Temperature Rating: -55°C to +105°C
Solder Process: 360°C max for 10 sec. max
UL File No.: E68080


Similar Part No. - 10150-3000PE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10150-3000-PC 3M-10150-3000-PC Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10150-3000-PE 3M-10150-3000-PE Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10150-3000-VC 3M-10150-3000-VC Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10150-3000-VE 3M-10150-3000-VE Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10150-3000VE 3M-10150-3000VE Datasheet
47Kb / 2P
   050, Mini D Ribbon (MDR) Connectors
More results

Similar Description - 10150-3000PE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com