Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10140-3000PE Datasheet(PDF) 2 Page - 3M Electronics

Part # 10140-3000PE
Description  3M Mini D Ribbon (MDR) Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10140-3000PE Datasheet(HTML) 2 Page - 3M Electronics

  10140-3000PE Datasheet HTML 1Page - 3M Electronics 10140-3000PE Datasheet HTML 2Page - 3M Electronics 10140-3000PE Datasheet HTML 3Page - 3M Electronics 10140-3000PE Datasheet HTML 4Page - 3M Electronics 10140-3000PE Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050" Solder Plug Connector - Shielded
101 Series
TS-0669-C
Sheet 2 of 2
Inch
[Imm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
Contact
Quantity
Dimensions
A
B
C
14
.300 [ 7.62 ]
.54 [ 13.8 ]
.72 [ 18.2 ]
20
.450 [ 11.43 ]
.69 [ 17.6 ]
.87 [ 22.0 ]
26
.600 [ 15.24 ]
.85 [ 21.5 ]
1.02 [ 25.8 ]
36
.850 [ 21.59 ]
1.09 [ 27.8 ]
1.27 [ 32.2 ]
40
.950 [ 24.13 ]
1.19 [ 30.3 ]
1.37 [ 34.7 ]
50
1.200 [ 30.48 ]
1.44 [ 36.7 ]
1.62 [ 41.1 ]
Ordering Information
101XX - 3000PX
C
Wiping Interface:
C = 30 μ" [.76 μm] Min.
gold
E = 20 μ" [.5 μm] Min. gold
Note: This solder plug connector must be used with only 3M Non-Shielded Shell Kits 103XX-52FO-008 Series and 103XX-52A0-008 Series.
Contact Quantity (See Table)
.100
[ 2.54 ]
.050
[ 1.27 ]
.09
[ 2.3 ]
.20
[ 5.1 ]
.09
[ 2.3 ]
.20
[ 5.1 ]
.11
[ 2.9 ]
.26
[ 6.6 ]
.76
[ 19.3 ]
.50
[ 12.7 ]
C
Position 2
Position 3
Position 1
.36
[ 9.1 ]
.30
[ 7.5 ]
.050 [ 1.27 ]
A
B
Last Position
Position
Position 2
Position 3
Last Position
20, 36 & 40 Position
14, 26 & 50 Position
Position 1
Last Position
Position


Similar Part No. - 10140-3000PE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10140-3000-PC 3M-10140-3000-PC Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10140-3000-PE 3M-10140-3000-PE Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10140-3000-VC 3M-10140-3000-VC Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10140-3000-VE 3M-10140-3000-VE Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10140-3000VE 3M-10140-3000VE Datasheet
47Kb / 2P
   050, Mini D Ribbon (MDR) Connectors
More results

Similar Description - 10140-3000PE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com