Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22317WFRTZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL22317WFRTZ
Description  Precision Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317WFRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22317WFRTZ Datasheet HTML 1Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 2Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 3Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6912.1
April 15, 2010
ZSerror
(Note 9)
Zero-scale Error
W, U or T option
VRL < VRW < VRL + 0.3V
0.5
2
LSB
(Note 8)
FSerror
(Note 10)
Full-scale Error
W, U or T option
VCC - 0.3V < VRW < VCC
-2
-0.5
LSB
(Note 8)
TCV
(Notes 13, 19)
Ratiometric Temperature Coefficient
Match to external Rref, DCP register set
between 15 hex and 7F hex
TCref
±10
ppm/°C
fcutoff
(Note 19)
-3dB Cut Off Frequency
Wiper at midpoint (40hex) W option (10k)
1
kHz
Wiper at midpoint (40hex) U option (50k)
1
kHz
Wiper at midpoint (40hex) T option (100k)
1
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected)
RINL
(Note 17)
Integral Non-linearity
W, U or T option
Current forced to the wiper
IW = (VCC - VRL)/RTOTAL (Note 20)
-3
±1
3
MI
(Note 14)
RDNL
(Note 16)
Differential Non-linearity
W, U or T option
Current forced to the wiper
IW = (VCC - VRL)/RTOTAL (Note 20)
-3
±1
3
MI
(Note 14)
Roffset
(Note 15)
Offset
W, U or T option, wiper is out of
recommended operation conditions
012
MI
(Note 14)
TCR
(Notes 18, 19)
Resistance Temperature Coefficient
Match to external Rref, DCP register set
between 15 hex and 7F hex, all options
TCref
±10
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = +5.5V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
0.6
1.2
mA
VCC = +2.7V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states), 10k
0.35
0.9
mA
ICC2
VCC Supply Current (non-volatile
write/read)
VCC = +5.5V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
1.75
2.5
mA
VCC = +2.7V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
1.0
1.8
mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +125°C, I2C interface in
standby state
0.5
1.0
mA
VCC = +2.7V @ +125°C, I2C interface in
standby state, 10k
0.3
0.75
mA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +125°C, I2C interface in
standby state
0.5
1.5
µA
ILkgDig
Leakage Current, at Pins REF_A,
REF_B, A1, SDA, and SCL
Voltage at pin from GND to VCC
-0.25
0.25
µA
tDCP
(Note 19)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
150
µs
tShdnRec
(Note 19)
DCP Recall Time from Shutdown
Mode
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
150
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.6
V
VCC Ramp VCC Ramp Rate
0.2
50
V/ms
ISL22317


Similar Part No. - ISL22317WFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317WFRTZ INTERSIL-ISL22317WFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317WFRTZ INTERSIL-ISL22317WFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
logo
Renesas Technology Corp
ISL22317WFRTZ RENESAS-ISL22317WFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Similar Description - ISL22317WFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com