Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8088 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8088
Description  Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8088 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8088 Datasheet HTML 1Page - Intersil Corporation ISL8088 Datasheet HTML 2Page - Intersil Corporation ISL8088 Datasheet HTML 3Page - Intersil Corporation ISL8088 Datasheet HTML 4Page - Intersil Corporation ISL8088 Datasheet HTML 5Page - Intersil Corporation ISL8088 Datasheet HTML 6Page - Intersil Corporation ISL8088 Datasheet HTML 7Page - Intersil Corporation ISL8088 Datasheet HTML 8Page - Intersil Corporation ISL8088 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN6858.1
April 29, 2010
Pin Configuration
ISL8088
(10 LD 3X3 DFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
FB1
EN1
VIN
LX1
NC
FB2
EN2
PG
LX2
SYNC
PD
Pin Descriptions
DFN SYMBOL
DESCRIPTION
1
FB1
The feedback network of the Channel 1 regulator. FB1 is the negative input to the transconductance error
amplifier. The output voltage is set by an external resistor divider connected to FB1. With a properly selected
divider, the output voltage can be set to any voltage between the power rail (reduced by converter losses) and
the 0.6V reference. There is an internal compensation to meet a typical application. In addition, the regulator
power-good and undervoltage protection circuitry use FB1 to monitor the Channel 1 regulator output voltage.
2
EN1
Regulator Channel 1 enable pin. Enable the output, VOUT1, when driven to high. Shutdown the VOUT1 and
discharge output capacitor when driven to low. Do not leave this pin floating.
3
VIN
Input supply voltage. Connect 10µF ceramic capacitor to power ground.
4
LX1
Switching node connection for Channel 1. Connect to one terminal of inductor for VOUT1.
5
NC
Recommended to connect this pin to the exposed pad.
6
SYNC
Mode Selection pin. Connect to logic high or input voltage VIN for PFM mode; connect to logic low or ground
for forced PWM mode. Connect to an external function generator for Synchronization, and negative edge
trigger. Do not leave this pin floating.
7
LX2
Switching node connection for Channel 2. Connect to one terminal of inductor for VOUT2.
8
PG
1ms timer output. At power-up or EN_ HI, this output is a 1ms delayed Power-Good signal for both the VOUT1
and VOUT2 voltages. There is an internal 1MΩ pull-up resistor.
9
EN2
Regulator Channel 2 enable pin. Enable the output, VOUT2, when driven to high. Shutdown the VOUT2 and
discharge output capacitor when driven to low. Do not leave this pin floating.
10
FB2
The feedback network of the Channel 2 regulator. FB2 is the negative input to the transconductance error
amplifier. The output voltage is set by an external resistor divider connected to FB2. With a properly selected
divider, the output voltage can be set to any voltage between the power-rail (reduced by converter losses) and
the 0.6V reference. There is an internal compensation to meet a typical application.
In addition, the regulator power-good and undervoltage protection circuitry use FB2 to monitor the Channel 2
regulator output voltage.
-
PD
The exposed pad must be connected to PGND for proper electrical performance. Add as much vias as possible
for optimal thermal performance.
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8088IRZ
8088
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL8088IRZ-T (Note 1)
8088
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8088. For more information on MSL please see
techbrief TB363.
ISL8088


Similar Part No. - ISL8088

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8088 RENESAS-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8088IRZ INTERSIL-ISL8088IRZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8088IRZ RENESAS-ISL8088IRZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8088IRZ-T INTERSIL-ISL8088IRZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8088

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
logo
Renesas Technology Corp
ISL8088 RENESAS-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ-T INTERSIL-ISL78228ARZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com