Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14H26-SZ3M-350-03C Datasheet(PDF) 3 Page - 3M Electronics

Part # 14H26-SZ3M-350-03C
Description  3M Mini D Ribbon (MDR) Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

14H26-SZ3M-350-03C Datasheet(HTML) 3 Page - 3M Electronics

  14H26-SZ3M-350-03C Datasheet HTML 1Page - 3M Electronics 14H26-SZ3M-350-03C Datasheet HTML 2Page - 3M Electronics 14H26-SZ3M-350-03C Datasheet HTML 3Page - 3M Electronics 14H26-SZ3M-350-03C Datasheet HTML 4Page - 3M Electronics 14H26-SZ3M-350-03C Datasheet HTML 5Page - 3M Electronics 14H26-SZ3M-350-03C Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Cable Assembly
.050” Right-Angle Digital Camera Cable – 26 position
14H26-SZ3X-XXX-03C
TS-2258-A
Sheet 3 of 3
Table 1
CN-1
Wiring Chart
CN-2
Connector
Position
Cable
Connector
Position
14
X0 X1 GND
QUAD 1
X0 X1 GND
13
2
X0-
X0-
25
15
X0+
X0+
12
3
X1-
X1-
24
16
X1+
X1+
11
1
X2 XC GND
QUAD 2
X2 XC GND
26
4
X2-
X2-
23
17
X2+
X2+
10
5
XC-
XC-
22
18
XC+
XC+
9
6
X3-
QUAD 3
X3-
21
19
X3+
X3+
8
7
SerTC+
SerTC+
20
20
SerTC-
SerTC-
7
13
X3 SerTC GND
X3 SerTC GND
14
8
SerTFG-
Twisted Pair 1
SerTFG-
19
21
SerTFG+
SerTFG+
6
9
CC1-
Twisted Pair 2
CC1-
18
22
CC1+
CC1+
5
10
CC2+
Twisted Pair 3
CC2+
17
23
CC2-
CC2-
4
11
CC3-
Twisted Pair 4
CC3-
16
24
CC3+
CC3+
3
12
CC4+
Twisted Pair 5
CC4+
15
25
CC4-
CC4-
2
26
NC
OPEN
NC
1
Table 2
Length Codes
First 2
Digits
Alpha
Code
First 2
Digits
Alpha
Code
First 2
Digits
Alpha
Code
10
A
17
H
24
R
11
B
18
J
25
S
12
C
19
K
26
T
13
D
20
L
27
V
14
E
21
M
28
W
15
F
22
N
29
Y
16
G
23
P
30
Z
For lengths in excess of 1000 cm substitute the corresponding alpha code for the first 2 digits. Example: the code for 1160 cm is B60.


Similar Part No. - 14H26-SZ3M-350-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-350-04C 3M-14H26-SZ3M-350-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-350-0LC 3M-14H26-SZ3M-350-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 14H26-SZ3M-350-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T36-SZ6B-100-0HC 3M-14T36-SZ6B-100-0HC Datasheet
351Kb / 7P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com