Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9Y40-55B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK9Y40-55B
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y40-55B Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9Y40-55B Datasheet HTML 1Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 2Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 3Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 4Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 5Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 6Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 7Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 8Page - NXP Semiconductors BUK9Y40-55B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BUK9Y40-55B_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2008
5 of 12
NXP Semiconductors
BUK9Y40-55B
N-channel TrenchMOS logic level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V;
Tj =25 °C
55
-
-
V
ID =0.25mA; VGS =0V;
Tj =-55 °C
50
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS;
Tj = 175 °C; see Figure 11
0.5
-
-
V
ID =1mA; VDS = VGS; Tj =25 °C;
see Figure 11
1.1
1.5
2
V
ID =1mA; VDS = VGS;
Tj =-55 °C; see Figure 11
--
2.3
V
IDSS
drain leakage current
VDS =55V; VGS =0V; Tj =25 °C
-
0.02
1
μA
VDS =55V; VGS =0V;
Tj = 175 °C
--
500
μA
IGSS
gate leakage current
VDS =0V; VGS =15V; Tj =25 °C
-
2
100
nA
VDS =0V; VGS =-15 V;
Tj =25 °C
-2
100
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID =15A; Tj = 175 °C;
see Figure 12 and 13
--
84
m
Ω
VGS =10V; ID =15A; Tj =25 °C-
32
36
m
Ω
VGS =4.5 V; ID =15A; Tj =25 °C-
-
45
m
Ω
VGS =5V; ID =15A; Tj =25 °C;
see Figure 12 and 13
-34
40
m
Ω
Source-drain diode
VSD
source-drain voltage
IS =20A; VGS =0V; Tj =25 °C;
see Figure 16
-0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/μs;
VGS =-10 V; VDS =30 V;
Tj =25 °C
-45
-
ns
Qr
recovered charge
-
25
-
nC
Dynamic characteristics
QG(tot)
total gate charge
ID =15A; VDS =44V; VGS =5V;
Tj =25 °C; see Figure 14
-11
-
nC
QGS
gate-source charge
-
2
-
nC
QGD
gate-drain charge
-
5
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V;
f=1MHz; Tj =25 °C;
see Figure 15
-
765
1020
pF
Coss
output capacitance
-
123
148
pF
Crss
reverse transfer
capacitance
-71
97
pF
td(on)
turn-on delay time
VDS =30V; RL =2.2 Ω;
VGS =5V; RG(ext) =10 Ω;
Tj =25 °C
-17
-
ns
tr
rise time
-
93
-
ns
td(off)
turn-off delay time
-
35
-
ns
tf
fall time
-
72
-
ns


Similar Part No. - BUK9Y40-55B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y40-55B NEXPERIA-BUK9Y40-55B Datasheet
737Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 03 - 22 February 2008
logo
NXP Semiconductors
BUK9Y40-55B PHILIPS-BUK9Y40-55B_15 Datasheet
194Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 03-22 February 2008
More results

Similar Description - BUK9Y40-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com