Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14H26-SZ3M-200-0LC Datasheet(PDF) 3 Page - 3M Electronics

Part # 14H26-SZ3M-200-0LC
Description  3M Mini D Ribbon (MDR) Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

14H26-SZ3M-200-0LC Datasheet(HTML) 3 Page - 3M Electronics

  14H26-SZ3M-200-0LC Datasheet HTML 1Page - 3M Electronics 14H26-SZ3M-200-0LC Datasheet HTML 2Page - 3M Electronics 14H26-SZ3M-200-0LC Datasheet HTML 3Page - 3M Electronics 14H26-SZ3M-200-0LC Datasheet HTML 4Page - 3M Electronics 14H26-SZ3M-200-0LC Datasheet HTML 5Page - 3M Electronics 14H26-SZ3M-200-0LC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Cable Assembly
.050” High Speed Digital CameraLinkCable – Right Angle
14H26-SZ3X-XXX-0LC
TS-2262-A
Sheet 3 of 3
Table 1. Cable Assembly and Camera Link Pinouts
Medium and Full Configurations
Base Configuration
Two Channel Link Chips
One Channel Link Chip + Camera Control +
Serial Communication
Camera
Connector
Right Angle
Frame Grabber
Channel Link
Signal
Cable Name
(Reference only)
Camera
Connector
Right Angle
Frame Grabber
Channel Link
Signal
1
1
inner shield
inner shield
1
1
inner shield
14
14
inner shield
inner shield
14
14
inner shield
2
25
Y0-
Pair 1
2
25
X0-
15
12
Y0+
Pair 1
15
12
X0+
3
24
Y1-
Pair 2-
3
24
X1-
16
11
Y1+
Pair 2+
16
11
X1+
4
23
Y2-
Pair 3-
4
23
X2-
17
10
Y2+
Pair 3+
17
10
X2+
5
22
Yclk-
Pair 4-
5
22
Xclk-
18
9
Yclk+
Pair 4+
18
9
Xclk+
6
21
Y3-
Pair 5-
6
21
X3-
19
8
Y3+
Pair 5+
19
8
X3+
7
20
100 ohm
Pair 6+
7
20
SerTC+
20
7
terminated
Pair 6-
20
7
SerTC-
8
19
Z0-
Pair 7-
8
19
SerTFG-
21
6
Z0+
Pair 7+
21
6
SerTFG+
9
18
Z1-
Pair 8-
9
18
CC1-
22
5
Z1+
Pair 8+
22
5
CC1+
13
17
Z2-
Pair 9-
13
17
CC2+
23
4
Z2+
Pair 9+
23
4
CC2-
11
16
Zclk-
Pair 10-
11
16
CC3-
24
3
Zclk+
Pair 10+
24
3
CC3+
12
15
Z3-
Pair 11-
12
15
CC4+
15
2
Z3+
Pair 11+
15
2
CC4-
13
13
inner shield
inner shield
13
13
inner shield
26
26
inner shield
inner shield
26
26
inner shield
Table 2
Length Codes
First 2
Digits
Alpha
Code
First 2
Digits
Alpha
Code
First 2
Digits
Alpha
Code
10
A
17
H
24
R
11
B
18
J
25
S
12
C
19
K
26
T
13
D
20
L
27
V
14
E
21
M
28
W
15
F
22
N
29
Y
16
G
23
P
30
Z
For lengths in excess of 1000 cm substitute the corresponding alpha code for the first 2 digits. Example: the code for 1160 cm is B60.
Notes:
1. All pairs are individually shielded with aluminum foil.
2. Pair shields are wrapped aluminum out and are in
contact with four internal drains (logic ground).
3. Outer braid and foil (chassis ground) are isolated
from inner drains (logic ground).
4. Cable assembly compatible with both CameraLink
configurations.


Similar Part No. - 14H26-SZ3M-200-0LC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-200-03C 3M-14H26-SZ3M-200-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-200-04C 3M-14H26-SZ3M-200-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 14H26-SZ3M-200-0LC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T36-SZ6B-100-0HC 3M-14T36-SZ6B-100-0HC Datasheet
351Kb / 7P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com