Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MF26-L586-00C-200 Datasheet(PDF) 3 Page - 3M Electronics

Part # 1MF26-L586-00C-200
Description  3M Shrunk Delta Ribbon (SDR) Cable Assembly
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1MF26-L586-00C-200 Datasheet(HTML) 3 Page - 3M Electronics

  1MF26-L586-00C-200 Datasheet HTML 1Page - 3M Electronics 1MF26-L586-00C-200 Datasheet HTML 2Page - 3M Electronics 1MF26-L586-00C-200 Datasheet HTML 3Page - 3M Electronics 1MF26-L586-00C-200 Datasheet HTML 4Page - 3M Electronics 1MF26-L586-00C-200 Datasheet HTML 5Page - 3M Electronics 1MF26-L586-00C-200 Datasheet HTML 6Page - 3M Electronics 1MF26-L586-00C-200 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MShrunk Delta Ribbon (SDR) Cable Assembly
.80 mm High Speed Digital Data Transmission, 26 position
1MF26-L5XX-00C-XXX
TS-2122-C
Sheet 3 of 4
Note: 1. For length dimension, refer to the product ordering number.
Figure 7
R/A MDR Connector
( -86 Option )
Figure 8
R/A MDR Connector
( -87 Option )
.7 7
19 .4
.5 5
14 . 0
Figure 9
MDR R/A Connector
12
3 4 5
6 7 8
9 10 11 12 13
14 15 16 17 18 19 20 21 22 23 24 25 26
.35
9.0
.47
12.0
.96
24.4
Figure 10
SDR Straight Connector
Figure 6
R/A MDR To Straight SDR Cable Assembly
1.56
39.7
Length


Similar Part No. - 1MF26-L586-00C-200

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1MF26-L560-00C-100 3M-1MF26-L560-00C-100 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-200 3M-1MF26-L560-00C-200 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-500 3M-1MF26-L560-00C-500 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-A00 3M-1MF26-L560-00C-A00 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
More results

Similar Description - 1MF26-L586-00C-200

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1MG26-LFW0-00C-100 3M-1MG26-LFW0-00C-100 Datasheet
329Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
1MF26-L560-00C-100 3M-1MF26-L560-00C-100 Datasheet
374Kb / 6P
   3M Shrunk Delta Ribbon (SDR) Cable Assembly
12226-8250-00FR 3M-12226-8250-00FR Datasheet
784Kb / 2P
   3M SHRUNK DELTA RIBBON (SDR) CONN.
12214-8250-00FR 3M-12214-8250-00FR Datasheet
784Kb / 2P
   3M SHROUNK DELTA RIBBON (SDR) CONN.
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com