Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSM561N8 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZSM561N8
Description  SUPPLY VOLTAGE MONITOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSM561N8 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZSM561N8 Datasheet HTML 1Page - Zetex Semiconductors ZSM561N8 Datasheet HTML 2Page - Zetex Semiconductors ZSM561N8 Datasheet HTML 3Page - Zetex Semiconductors ZSM561N8 Datasheet HTML 4Page - Zetex Semiconductors ZSM561N8 Datasheet HTML 5Page - Zetex Semiconductors ZSM561N8 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZSM561
ABSOLUTE MAXIMUM RATING
Input Supply Voltage
-1 to 7V
Supply Zener Current
25mA continuous
Offstate Output Voltage
7V
Onstate Output
Sink Current(Note 1)
Internally limited
Clamp Diode
Forward Current(Note 1)
100mA
Operating Junction
Temperature
150°C
Operating Temperature
-40 to 85°C
Storage Temperature
-65 to 150°C
Power Dissipation
TO92
780mW
SOT223
2W(Note 2)
SO8
780mW(Note 2)
TEST CONDITIONS
(Tamb=25°C for typical values, Tamb=-40 to 85°C for min/max values (Note3))
COMPARATOR
PARAMETER
SYMBOL
MIN
TYP.
MAX.
UNITS
Threshold Voltage
High state output (Vcc increasing)
VIH
4.5
4.61
4.7
V
Threshold Voltage
Low state output (Vcc decreasing)
VIL
4.5
4.59
4.7
V
Hysteresis
VH
0.01
0.02
0.05
V
OUPUT
Output sink saturation:
VOL
(Vcc=4.0V, Isink=8.0mA)
0.46
1.0
V
(Vcc=4.0V, Isink=2.0mA)
0.15
0.4
V
(Vcc=1.0V, Isink=0.1mA)
0.25
V
Onstate output sink current
(Vcc , Output=4V)
Isink
10
20
60
mA
Offstate output leakage current
(Vcc , Output=5V)
Ioh
0.02
0.5
µA
Clamp diode forward voltage
(If=10mA)
Vf
0.6
1.2
1.5
V
Propagation delay
(Vin 5V to 4V, Rl=10k, Tamb=25°C)
Td
1.5
µs
SUPPLY ZENER
Avalanche Voltage:(Icc=1mA)
Vz
5.8
6
6.2
V
Slope Resistance:
(Icc=15mA)
(Icc=15mA to 50mA)
Rz
45
21
60
30
TOTAL DEVICE
Operating input voltage range(Note 5)
Vcc
1.0 to 7
V
Quiescent current (Vcc=5V)
Iq
135
200
µA
4-365


Similar Part No. - ZSM561N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZSM561N8 DIODES-ZSM561N8 Datasheet
152Kb / 6P
   SUPPLY VOLTAGE MONITOR
More results

Similar Description - ZSM561N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSH560 ZETEX-ZSH560_03 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330_06 Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com