Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOCJY10000MHZE Datasheet(PDF) 2 Page - Abracon Corporation

Part # AOCJY10000MHZE
Description  SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AOCJY10000MHZE Datasheet(HTML) 2 Page - Abracon Corporation

  AOCJY10000MHZE Datasheet HTML 1Page - Abracon Corporation AOCJY10000MHZE Datasheet HTML 2Page - Abracon Corporation AOCJY10000MHZE Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
| | | | | | | | | | | | | | |
AOCJY Series
OUTLINE DIMENSIONS
Pb RoHS
Compliant
SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 02.26.10
Visit www.abracon.com for Terms & Conditions of Sale
25.4 x 22.1 x 12.5 mm
OPTIONS AND PART IDENTIFICATION (Left blank if standard)
Pin
Function
1
Control Voltage
2
VREF
3
Supply Voltage
4
RF-output
5
Ground. Case
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
AOCJY -
-
MHz -
-
RF Output
Blank: CMOS
SW: Sinewave
Operating Temp.
Blank: ± 5.0 ppb/0°C ~ +50°C
E: ± 10.0 ppb/-20°C ~ +70°C
F: ± 30.0 ppb/-40°C ~ +75°C
Vdd (V)
Blank: 3.3±5%
A: 5.0±5%
Frequency in MHz
e.g. 10.000MHz
20.000MHz
100.000MHz


Similar Part No. - AOCJY10000MHZE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
AOCJY1_1012 ABRACON-AOCJY1_1012 Datasheet
1Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
12.01.10
More results

Similar Description - AOCJY10000MHZE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AOCXS ABRACON-AOCXS Datasheet
251Kb / 3P
   SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
01.11.08
AOCJY_1012 ABRACON-AOCJY_1012 Datasheet
1Mb / 3P
   SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
12.01.10
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com