Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSM330C Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZSM330C
Description  SUPPLY VOLTAGE MONITOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSM330C Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZSM330C Datasheet HTML 1Page - Zetex Semiconductors ZSM330C Datasheet HTML 2Page - Zetex Semiconductors ZSM330C Datasheet HTML 3Page - Zetex Semiconductors ZSM330C Datasheet HTML 4Page - Zetex Semiconductors ZSM330C Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
02
4
6
8
10
-40 °C
25 °C
100
200
400
300
500
01
0
0.8
1.6
2.0
0.4
1.2
0
20
40
50
-40 °C
25 °C
85 °C
00.4
2.0
0.8
1.2
1.6
0
40
60
80
20
-40 °C
85 °C
25 °C
23
45
1
2
3
4
5
0
01
2
3
4
2
4
0
2.7
3.3
-40
-20
0
20
40
60
80
3.08
3.07
3.06
Temperature ( °C)
Forward Voltage (V)
Input Voltage (V)
Upper
Threshold
Lower
Threshold
Input Current vs. Input Voltage
Output Voltage vs. Input Voltage
Output Saturation Voltage vs. Sink Current
Reset Delay Time
Clamp Diode Forward Current vs. Voltage
Threshold Voltage vs. Temperature
Input Voltage (V)
Output Saturation Voltage (V)
Time (
µs)
0
30
10
100
100
3.09
3.10
3.05
85 °C
R=10K
TA=25°C
RL=10K
Vin=2.7V
Vin=0V
2
ZSM330
TYPICAL CHARACTERISTICS
4-346


Similar Part No. - ZSM330C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSM330C ZETEX-ZSM330C Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results

Similar Description - ZSM330C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSH560 ZETEX-ZSH560_03 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330_06 Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com