Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT0603MC4641DE0P5PW00 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MCT0603MC4641DE0P5PW00
Description  Professional Thin Film Chip Resistor Superior Moisture Resistivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0603MC4641DE0P5PW00 Datasheet(HTML) 4 Page - Vishay Siliconix

  MCT0603MC4641DE0P5PW00 Datasheet HTML 1Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 2Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 3Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 4Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 5Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 6Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 7Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 8Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
Vishay Beyschlag
Document Number: 28760
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 07-Dec-09
4
DIMENSIONS
SOLDER PAD DIMENSIONS
Note
• The rated dissipation applies only if the permitted film temperature is not exceeded. Furthermore, a high level of ambient temperature or of
power dissipation may raise the temperature of the solder joint, hence special solder alloys or boardmaterials may be required to maintain the
reliability of the assembly. Specified power rating above 125 °C requires dedicated heat-sink pads, which depend on boardmaterials.
The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x, or in
publication IPC-7351. They do not guarantee any supposed thermal properties, particularly as these are also strongly influenced by many other
parameters.
Still, the given solder pad dimensions will be found adequate for most general applications, e.g. those referring to “standard operation mode”.
Please note however that applications for “power operation mode” or “advanced temperature mode” require special considerations for the
design of solder pads and adjacent conductor areas.
DIMENSIONS AND MASS
TYPE
H
(mm)
L
(mm)
W
(mm)
WT
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
MCS 0402 AT
0.32 ± 0.05
1.0 ± 0.05
0.5 ± 0.05
> 75 % of W
0.2 + 0.1/- 0.15
0.2 ± 0.1
0.6
MCT 0603 AT
0.45 + 0.1/- 0.05
1.55 ± 0.05
0.85 ± 0.1
> 75 % of W
0.3 + 0.15/- 0.2
0.3 + 0.15/- 0.2
1.9
MCU 0805 AT
0.52 ± 0.1
2.0 ± 0.1
1.25 ± 0.15
> 75 % of W
0.4 + 0.1/- 0.2
0.4 + 0.1/- 0.2
4.6
MCA 1206 AT
0.55 ± 0.1
3.2 + 0.1/- 0.2
1.6 ± 0.15
> 75 % of W
0.5 ± 0.25
0.5 ± 0.25
9.2
RECOMMENDED SOLDER PAD DIMENSIONS
TYPE
WAVE SOLDERING
REFLOW SOLDERING
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
MCS 0402 AT
-
-
-
-
0.35
0.55
0.55
1.45
MCT 0603 AT
0.55
1.10
1.10
2.75
0.65
0.70
0.95
2.05
MCU 0805 AT
0.80
1.25
1.50
3.30
0.90
0.90
1.40
2.70
MCA 1206 AT
1.40
1.50
1.90
4.40
1.50
1.15
1.75
3.80
T
2
T
1
L
H
W
W
T
G
X
Y
Z


Similar Part No. - MCT0603MC4641DE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MD0BP100 VISHAY-MCT0603MD0BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD0BP500 VISHAY-MCT0603MD0BP500 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD0BPW00 VISHAY-MCT0603MD0BPW00 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD1BP100 VISHAY-MCT0603MD1BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD1BP500 VISHAY-MCT0603MD1BP500 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
More results

Similar Description - MCT0603MC4641DE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com