Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT0402MC4641FE0P5PW00 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MCT0402MC4641FE0P5PW00
Description  Professional Thin Film Chip Resistor Superior Moisture Resistivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0402MC4641FE0P5PW00 Datasheet(HTML) 5 Page - Vishay Siliconix

  MCT0402MC4641FE0P5PW00 Datasheet HTML 1Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 2Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 3Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 4Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 5Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 6Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 7Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 8Page - Vishay Siliconix MCT0402MC4641FE0P5PW00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28760
5
Revision: 07-Dec-09
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Vishay Beyschlag
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of special metal alloy is deposited on a
high grade (Al2O3) ceramic substrate and conditioned to
achieve the desired temperature coefficient. Specially
designed inner contacts are deposited on both sides. A
special laser is used to achieve the target value by smoothly
cutting a meander groove in the resistive layer without
damaging the ceramics. The resistor elements are covered
by a unique protective coating designed for electrical,
mechanical and climatic protection. The terminations receive
a final pure tin on nickel plating.
The result of the determined production is verified by an
extensive
testing
procedure
and
optical
inspection
performed on 100 % of the individual chip resistors. Only
accepted products are laid directly into the paper tape in
accordance with IEC 60286-3 (3).
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic soldering
using
wave,
reflow
or
vapour
phase
as
shown
in
IEC 61760-1 (3). The encapsulation is resistant to all cleaning
solvents commonly used in the electronics industry,
including alcohols, esters and aqueous solutions. The
suitability of conformal coatings, if applied, shall be qualified
by appropriate means to ensure the long-term stability of the
whole system.
The resistors are RoHS compliant; the pure tin plating
provides
compatibility
with
lead
(Pb)-free
and
lead-containing
soldering
processes.
Solderability
is
specified for 2 years after production or requalification. The
permitted storage time is 20 years. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
All
products
comply
with
the
GADSL
(1)
and
the
CEFIC-EECA-EICTA (2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2002/95/EC
Restriction
of
the
use
of
Hazardous
Substances directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
The resistors are approved within the IECQ-CECC Quality
Assessment System for Electronic Components to the detail
specification EN 140401-801 which refers to EN 60115-1,
EN 140400 and the variety of environmental test procedures
of the IEC 60068 (3) series. The detail specification refers to
the climatic category 55/125/56, which relates to the
“standard operation mode” of this datasheet.
Conformity is attested by the use of the CECC Logo (
) as
the Mark of Conformity on the package label. For
MCS 0402 AT and zero ohm jumpers the certification
according to DIN EN 140401-801:2008-05 is pending.
Vishay
BEYSCHLAG
has
achieved
“Approval
of
Manufacturer”
in
accordance
with IEC QC 001002-3,
clause 2. The release certificate for “Technology Approval
Schedule” in accordance with CECC 240001 based on
IEC QC 001002-3,
clause
6
is
granted
for
the
Vishay BEYSCHLAG manufacturing process.
The resistors are qualified according to AEC-Q200.
RELATED PRODUCTS
This product family of thin film flat chip resistors is completed
by Zero Ohm Jumpers.
For more information about products with better TCR and
tighter tolerance please refer to the precision datasheet
document no. 28785.
Chip resistor arrays may be used in sensing applications or
precision amplifiers where close matching between multiple
resistors
is
necessary.
Please
refer
to
the
ACAS AT - Precision datasheet document no. 28770.
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation representing the information and communications technology and consumer electronics), see www.eicta.org/index.php?id=995
→ issues → environment policy → chemicals → chemicals for electronics
(3) The quoted IEC standards are also released as EN standards with the same number and identical contents


Similar Part No. - MCT0402MC4641FE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCT04N15 MCC-MCT04N15 Datasheet
534Kb / 4P
   N-Channel Power MOSFET
More results

Similar Description - MCT0402MC4641FE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com