Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA316-800ET Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BTA316-800ET
Description  16 A three-quadrant high commutation triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316-800ET Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BTA316-800ET Datasheet HTML 5Page - NXP Semiconductors BTA316-800ET Datasheet HTML 6Page - NXP Semiconductors BTA316-800ET Datasheet HTML 7Page - NXP Semiconductors BTA316-800ET Datasheet HTML 8Page - NXP Semiconductors BTA316-800ET Datasheet HTML 9Page - NXP Semiconductors BTA316-800ET Datasheet HTML 10Page - NXP Semiconductors BTA316-800ET Datasheet HTML 11Page - NXP Semiconductors BTA316-800ET Datasheet HTML 12Page - NXP Semiconductors BTA316-800ET Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTA316-800ET_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 29 March 2010
9 of 13
NXP Semiconductors
BTA316-800ET
16 A three-quadrant high commutation triac
7.
Package outline
Fig 12. Package outline SOT78 (TO-220AB)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78
SC-46
3-lead TO-220AB
SOT78
08-04-23
08-06-13
Notes
1. Lead shoulder designs may vary.
2. Dimension includes excess dambar.
UNIT
A
mm
4.7
4.1
1.40
1.25
0.9
0.6
0.7
0.4
16.0
15.2
6.6
5.9
10.3
9.7
15.0
12.8
3.30
2.79
3.8
3.5
A1
DIMENSIONS (mm are the original dimensions)
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
0
5
10 mm
scale
b
b1(2)
1.6
1.0
c
D
1.3
1.0
b2(2)
D1
E
e
2.54
L
L1(1)
L2(1)
max.
3.0
p
q
3.0
2.7
Q
2.6
2.2
D
D1
q
p
L
12
3
L1(1)
b1(2)
(3
×)
b2(2)
(2
×)
e
e
b(3
×)
A
E
A1
c
Q
L2(1)
mounting
base


Similar Part No. - BTA316-800ET

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA316-800ET WEEN-BTA316-800ET Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA316-800ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA316-600ET NXP-BTA316-600ET Datasheet
211Kb / 13P
   16 A three-quadrant high commutation triac
Rev. 01-30 March 2010
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com