Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA312 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BTA312
Description  12 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312 Datasheet(HTML) 1 Page - NXP Semiconductors

  BTA312 Datasheet HTML 1Page - NXP Semiconductors BTA312 Datasheet HTML 2Page - NXP Semiconductors BTA312 Datasheet HTML 3Page - NXP Semiconductors BTA312 Datasheet HTML 4Page - NXP Semiconductors BTA312 Datasheet HTML 5Page - NXP Semiconductors BTA312 Datasheet HTML 6Page - NXP Semiconductors BTA312 Datasheet HTML 7Page - NXP Semiconductors BTA312 Datasheet HTML 8Page - NXP Semiconductors BTA312 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Passivated, new generation, high commutation triacs in a SOT78 plastic package
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BTA312 series D and E
12 A Three-quadrant triacs high commutation
Rev. 01 — 16 April 2007
Product data sheet
I Sensitive gate
I High immunity to dV/dt
I Very high commutation performance
maximized at each gate sensitivity
I High power motor control - e.g. washing
machines, vacuum cleaners
I Refrigeration and air conditioning
compressors
I Electronic thermostats
I VDRM ≤ 600 V (BTA312-600D)
I IGT ≤ 5 mA (BTA312-600D)
I VDRM ≤ 600 V (BTA312-600E)
I IGT ≤ 10 mA (BTA312-600E)
I VDRM ≤ 800 V (BTA312-800E)
I IGT ≤ 10 mA (BTA312-800E)
I ITSM ≤ 95 A (t = 20 ms)
I IT(RMS) ≤ 12 A
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
main terminal 1 (T1)
SOT78 (TO-220AB)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base; main terminal 2 (T2)
12
mb
3
sym051
T1
G
T2


Similar Part No. - BTA312

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312 PHILIPS-BTA312 Datasheet
192Kb / 11P
   3Q Hi-Com Triac
4 October 2012
BTA312-600B PHILIPS-BTA312-600B Datasheet
192Kb / 11P
   3Q Hi-Com Triac
4 October 2012
BTA312-600B PHILIPS-BTA312-600B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
logo
WeEn Semiconductors
BTA312-600B WEEN-BTA312-600B Datasheet
226Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA312

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312X-800C NXP-BTA312X-800C Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com