Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT1308W-600D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT1308W-600D
Description  Triacs logic level
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT1308W-600D Datasheet(HTML) 2 Page - NXP Semiconductors

  BT1308W-600D Datasheet HTML 1Page - NXP Semiconductors BT1308W-600D Datasheet HTML 2Page - NXP Semiconductors BT1308W-600D Datasheet HTML 3Page - NXP Semiconductors BT1308W-600D Datasheet HTML 4Page - NXP Semiconductors BT1308W-600D Datasheet HTML 5Page - NXP Semiconductors BT1308W-600D Datasheet HTML 6Page - NXP Semiconductors BT1308W-600D Datasheet HTML 7Page - NXP Semiconductors BT1308W-600D Datasheet HTML 8Page - NXP Semiconductors BT1308W-600D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BT1308W_SER_D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 27 February 2008
2 of 13
NXP Semiconductors
BT1308W series D
Triacs logic level
3.
Ordering information
4.
Limiting values
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BT1308W-400D
SC-73
plastic surface-mounted package with increased heatsink; 4 leads
SOT223
BT1308W-600D
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BT1308W-400D
-
400
V
BT1308W-600D
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tsp ≤ 107.4 °C;
see Figure 4 and 5
-
0.8
A
ITSM
non-repetitive peak on-state current full sine wave; Tj =25 °C prior to surge;
see Figure 2 and 3
t = 20 ms
-
9
A
t = 16.7 ms
-
10
A
I2tI2t for fusing
tp = 10 ms
-
0.32
A2s
dIT/dt
rate of rise of on-state current
ITM = 1 A; IG = 20 mA; dIG/dt = 0.2 A/µs
T2+ G+
-
50
A/
µs
T2+ G
-50
A/
µs
T2
− G−
-50
A/
µs
T2
− G+
-
10
A/
µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C


Similar Part No. - BT1308W-600D

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT1308W-600D WEEN-BT1308W-600D Datasheet
502Kb / 14P
   4Q Triac
More results

Similar Description - BT1308W-600D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com