Electronic Components Datasheet Search |
|
ACASA1100B2200P1AT Datasheet(PDF) 7 Page - Vishay Siliconix |
|
ACASA1100B2200P1AT Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 8 page www.vishay.com For technical questions, contact: thinfilmarray@vishay.com Document Number: 28770 282 Revision: 06-Nov-09 ACAS 0606 AT, ACAS 0612 AT - Precision Vishay Beyschlag Precision Thin Film Chip Resistor Array Superior Moisture Resistivity Notes (1) The quoted IEC standards are also released as EN standards with the same number and identical contents (2) Figures are given for arrays with equal values, design type AE (3) Relative values are equivalent to the half of its value with ± symbol, i.e. 0.1 % is equivalent to ± 0.05 % (4) For a single element 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (0.25 % R + 0.05 Ω) 4.39 67 (Cy) Damp heat, steady state, accelerated (85 ± 2) °C (85 ± 5) % RH U = 0.1 x ≤ 100 V; 1000 h ± (0.5 % R + 0.05 Ω) 4.13 - Short time overload (4) U = 2.5 x or U = 2 x Umax.; 5 s ± (0.1 % R + 0.01 Ω) no visible damage 4.40 - Electrostatic discharge (Human body model) (4) IEC 61340-3-1; 3 pos. + 3 neg. (equivalent to MIL-STD-883, Method 3015); 1000 V ± (0.5 % R + 0.05 Ω) 4.19 14 (Na) Rapid change of temperature 30 min at - 55 °C and 30 min at 125 °C; 1000 cycles ± (0.25 % R + 0.05 Ω) no visible damage 4.18.2 58 (Td) Resistance to soldering heat Reflow method 2 (IR/forced gas convention); (260 ± 5) °C; (10 ± 1) s ± (0.1 % R + 0.01 Ω) no visible damage 4.17.2 58 (Td) Solderability Solder bath method; SnPb; non-activated flux accelerated aging 4 h/155 °C (215 ± 3) °C; (3 ± 0.3) s Good tinning ( ≥ 95 % covered); no visible damage Solder bath method; SnAgCu; non-activated flux accelerated aging 4 h/155 °C (235 ± 3) °C; (2 ± 0.2) s 4.32 21 (Ue3) Shear (adhesion) 45 N No visible damage 4.33 21 (Ue1) Substrate bending Depth 2 mm, 3 times ± (0.1 % R + 0.01 Ω) no visible damage; no open circuit in bent position 4.35 - Flammability IEC 60695-11-5, needle flame test; 10 s No burning after 30 s 4.22 6 (Fc) Vibration Endurance by sweeping; 10 to 2000 Hz; no resonance; amplitude ≤ 1.5 mm or ≤ 200 m/s2; 6 h ± (0.1 % R + 0.01 Ω); no visible damage 4.7 - Voltage proof Urms = Uins 60 ± 5 s; against ambient, between adjacent resistors No flashover or breakdown TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 (1) TEST METHOD TEST PROCEDURE REQUIREMENTS (2) PERMISSIBLE CHANGE ( ΔR) Stability for product types: ACAS 0606 AT ACAS 0612 AT 47 Ω to 150 kΩ 47 Ω to 150 kΩ P 70 x R P 70 x R |
Similar Part No. - ACASA1100B2200P1AT |
|
Similar Description - ACASA1100B2200P1AT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |