Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT151-500L Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BT151-500L
Description  SCR, 12 A, 5mA, 500 V, SOT78
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT151-500L Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BT151-500L Datasheet HTML 3Page - NXP Semiconductors BT151-500L Datasheet HTML 4Page - NXP Semiconductors BT151-500L Datasheet HTML 5Page - NXP Semiconductors BT151-500L Datasheet HTML 6Page - NXP Semiconductors BT151-500L Datasheet HTML 7Page - NXP Semiconductors BT151-500L Datasheet HTML 8Page - NXP Semiconductors BT151-500L Datasheet HTML 9Page - NXP Semiconductors BT151-500L Datasheet HTML 10Page - NXP Semiconductors BT151-500L Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NXP Semiconductors
BT151-500L
SCR, 12 A, 5mA, 500 V, SOT78
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 2 March 2009
Document identifier: BT151-500L_5
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
11. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1
1.1
General description . . . . . . . . . . . . . . . . . . . . . .1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . .1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . .1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . .2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . .2
4
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3
5
Thermal characteristics . . . . . . . . . . . . . . . . . . .5
6
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .6
7
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . .8
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . .9
9
Legal information. . . . . . . . . . . . . . . . . . . . . . . .10
9.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . .10
9.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
9.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
9.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .10
10
Contact information. . . . . . . . . . . . . . . . . . . . . .10


Similar Part No. - BT151-500L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
logo
WeEn Semiconductors
BT151-500L WEEN-BT151-500L Datasheet
217Kb / 12P
   SCR
More results

Similar Description - BT151-500L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT152-500RT NXP-BT152-500RT Datasheet
177Kb / 11P
   SCR, 20 A, 32 mA, 500 V, SOT78
Rev. 01-12 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
STMicroelectronics
TYN612M STMICROELECTRONICS-TYN612M_07 Datasheet
108Kb / 8P
   12 A SCR
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com