Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT138Y-600E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT138Y-600E
Description  12 A four-quadrant triacs, sensitive gate, insulated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT138Y-600E Datasheet(HTML) 1 Page - NXP Semiconductors

  BT138Y-600E Datasheet HTML 1Page - NXP Semiconductors BT138Y-600E Datasheet HTML 2Page - NXP Semiconductors BT138Y-600E Datasheet HTML 3Page - NXP Semiconductors BT138Y-600E Datasheet HTML 4Page - NXP Semiconductors BT138Y-600E Datasheet HTML 5Page - NXP Semiconductors BT138Y-600E Datasheet HTML 6Page - NXP Semiconductors BT138Y-600E Datasheet HTML 7Page - NXP Semiconductors BT138Y-600E Datasheet HTML 8Page - NXP Semiconductors BT138Y-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Passivated sensitive gate triac in an internally insulated TO-220 plastic package.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BT138Y series E
12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01 — 3 June 2008
Product data sheet
I Isolated mounting base
I 2500 V RMS isolation voltage
I Sensitive gate
I Gate triggering in four quadrants
I Direct interfacing to logic level ICs
I Direct interfacing to low-power gate
drive circuits
I General-purpose switching and phase
control
I 230 V lamp dimmers
I IT(RMS) ≤ 12 A
I IGT ≤ 10 mA
I VDRM ≤ 600 V (BT138Y-600E)
I IGT ≤ 25 mA (T2− G+)
I VDRM ≤ 800 V (BT138Y-800E)
I ITSM ≤ 95 A (t = 20 ms)
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
main terminal 1 (T1)
SOT78D (TO-220)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base; isolated
12
mb
3
sym051
T1
G
T2


Similar Part No. - BT138Y-600E

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT138Y-600E WEEN-BT138Y-600E Datasheet
332Kb / 13P
   4Q Triac
logo
Inchange Semiconductor ...
BT138Y-600E ISC-BT138Y-600E Datasheet
291Kb / 2P
   isc Thyristors
More results

Similar Description - BT138Y-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138X NXP-BT138X Datasheet
93Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT236X NXP-BT236X Datasheet
87Kb / 12P
   6 A Four-quadrant triacs
Rev. 02-14 March 2006
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com