Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT138X-600E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT138X-600E
Description  12 A four-quadrant triacs, sensitive gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT138X-600E Datasheet(HTML) 2 Page - NXP Semiconductors

  BT138X-600E Datasheet HTML 1Page - NXP Semiconductors BT138X-600E Datasheet HTML 2Page - NXP Semiconductors BT138X-600E Datasheet HTML 3Page - NXP Semiconductors BT138X-600E Datasheet HTML 4Page - NXP Semiconductors BT138X-600E Datasheet HTML 5Page - NXP Semiconductors BT138X-600E Datasheet HTML 6Page - NXP Semiconductors BT138X-600E Datasheet HTML 7Page - NXP Semiconductors BT138X-600E Datasheet HTML 8Page - NXP Semiconductors BT138X-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BT138X_SER_D_E_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 March 2008
2 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
main terminal 1 (T1)
SOT186A (TO-220F)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base; isolated
3
2
1
mb
sym051
T1
G
T2
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BT138X-600D
TO-220F
plastic single-ended package; isolated heatsink mounted; 1 mounting hole;
3-lead TO-220 ‘full pack’
SOT186A
BT138X-600E
BT138X-800E
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BT138X-600D
[1] -
600
V
BT138X-600E
[1] -
600
V
BT138X-800E
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Th ≤ 56 °C;
see Figure 4 and 5
-12
A
ITSM
non-repetitive peak on-state current full sine wave; Tj =25 °C prior to surge;
see Figure 2 and 3
t = 20 ms
-
95
A
t = 16.7 ms
-
105
A
I2tI2t for fusing
tp = 10 ms
-
45
A2s
dIT/dt
rate of rise of on-state current
ITM = 20 A; IG = 0.2 A; dIG/dt = 0.2 A/µs
T2+ G+
-
50
A/
µs
T2+ G
-50
A/
µs
T2
− G−
-50
A/
µs
T2
− G+
-
10
A/
µs


Similar Part No. - BT138X-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138X-600E PHILIPS-BT138X-600E Datasheet
51Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT138X-600E KERSEMI-BT138X-600E Datasheet
937Kb / 5P
   Glass passivated triacs in a full pack
logo
NXP Semiconductors
BT138X-600E PHILIPS-BT138X-600E Datasheet
55Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
WeEn Semiconductors
BT138X-600E WEEN-BT138X-600E Datasheet
471Kb / 13P
   4Q Triac
More results

Similar Description - BT138X-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BT236X NXP-BT236X Datasheet
87Kb / 12P
   6 A Four-quadrant triacs
Rev. 02-14 March 2006
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com