Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT138Y Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BT138Y
Description  12 A four-quadrant triacs, sensitive gate, insulated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT138Y Datasheet(HTML) 4 Page - NXP Semiconductors

  BT138Y Datasheet HTML 1Page - NXP Semiconductors BT138Y Datasheet HTML 2Page - NXP Semiconductors BT138Y Datasheet HTML 3Page - NXP Semiconductors BT138Y Datasheet HTML 4Page - NXP Semiconductors BT138Y Datasheet HTML 5Page - NXP Semiconductors BT138Y Datasheet HTML 6Page - NXP Semiconductors BT138Y Datasheet HTML 7Page - NXP Semiconductors BT138Y Datasheet HTML 8Page - NXP Semiconductors BT138Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BT138Y_SER_E_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 June 2008
4 of 12
NXP Semiconductors
BT138Y series E
12 A four-quadrant triacs, sensitive gate, insulated
tp ≤ 20 ms
(1) dIT/dt limit
(2) T2
− G+ quadrant limit
Fig 3.
Non-repetitive peak on-state current as a function of pulse width; maximum values
f = 50 Hz
Tmb = 85 °C
Fig 4.
RMS on-state current as a function of surge
duration; maximum values
Fig 5.
RMS on-state current as a function of
mounting base temperature; maximum values
003aac229
10
10
2
10
3
10
-5
10
-4
10
-3
10
-2
10
-1
tp (s)
ITSM
(A)
(1)
(2)
ITSM
t
IT
Tj(init) = 25 °C max
tp
003aac230
0
10
20
30
10
-2
10
-1
1
10
surge duration (s)
IT(RMS)
(A)
003aac231
0
5
10
15
-50
0
50
100
150
Tmb (°C)
IT(RMS)
(A)


Similar Part No. - BT138Y

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT138Y-600E WEEN-BT138Y-600E Datasheet
332Kb / 13P
   4Q Triac
logo
Inchange Semiconductor ...
BT138Y-600E ISC-BT138Y-600E Datasheet
291Kb / 2P
   isc Thyristors
logo
WeEn Semiconductors
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
More results

Similar Description - BT138Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138X NXP-BT138X Datasheet
93Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT236X NXP-BT236X Datasheet
87Kb / 12P
   6 A Four-quadrant triacs
Rev. 02-14 March 2006
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com