Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT138-600D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT138-600D
Description  12 A four-quadrant triacs, sensitive gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT138-600D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BT138-600D Datasheet HTML 2Page - NXP Semiconductors BT138-600D Datasheet HTML 3Page - NXP Semiconductors BT138-600D Datasheet HTML 4Page - NXP Semiconductors BT138-600D Datasheet HTML 5Page - NXP Semiconductors BT138-600D Datasheet HTML 6Page - NXP Semiconductors BT138-600D Datasheet HTML 7Page - NXP Semiconductors BT138-600D Datasheet HTML 8Page - NXP Semiconductors BT138-600D Datasheet HTML 9Page - NXP Semiconductors BT138-600D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BT138_SER _D_E_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 March 2008
6 of 12
NXP Semiconductors
BT138 series D and E
12 A four-quadrant triacs, sensitive gate
6.
Static characteristics
Table 5.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
BT138-600D
BT138-600E
BT138-800E
Unit
Min
Typ
Max
Min
Typ
Max
IGT
gate trigger current
VD =12V; IT = 0.1 A;
see Figure 8
T2+ G+
-
1.3
5
-
2.5
10
mA
T2+ G
-
2.8
5
-
4.0
10
mA
T2
− G−
-
3.2
5
-
5.0
10
mA
T2
− G+
-
5.5
10
-
11
25
mA
IL
latching current
VD =12V; IG = 0.1 A;
see Figure 10
T2+ G+
-
-
15
-
-
30
mA
T2+ G
--20
--40
mA
T2
− G−
--15
--30
mA
T2
− G+
--20
--40
mA
IH
holding current
VD =12V; IG = 0.1 A;
see Figure 11
--10
--30
mA
VT
on-state voltage
IT = 15 A; see Figure 9
-
1.4
1.65
-
1.4
1.65
V
VGT
gate trigger voltage
IT = 0.1 A; see Figure 7
VD = 12 V;
-
0.7
1.5
-
0.7
1.5
V
VD =VDRM; Tj = 125 °C
0.25
0.4
-
0.25
0.4
-
V
ID
off-state current
VD =VDRM(max);
Tj = 125 °C
-
0.1
0.5
-
0.1
0.5
mA


Similar Part No. - BT138-600D

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BT138-600D KERSEMI-BT138-600D Datasheet
837Kb / 5P
   Glass passivated triacs in a plastic
logo
Inchange Semiconductor ...
BT138-600D ISC-BT138-600D Datasheet
225Kb / 1P
   isc Triacs
logo
WeEn Semiconductors
BT138-600D WEEN-BT138-600D Datasheet
452Kb / 13P
   4Q Triac
logo
HAOPIN MICROELECTRONICS...
BT138-600D HAOPIN-BT138-600D Datasheet
326Kb / 5P
   Sensitive Gate Triacs
More results

Similar Description - BT138-600D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138X NXP-BT138X Datasheet
93Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BT236X NXP-BT236X Datasheet
87Kb / 12P
   6 A Four-quadrant triacs
Rev. 02-14 March 2006
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com