Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR19 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSR19
Description  NPN high voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSR19 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSR19 Datasheet HTML 1Page - NXP Semiconductors BSR19 Datasheet HTML 2Page - NXP Semiconductors BSR19 Datasheet HTML 3Page - NXP Semiconductors BSR19 Datasheet HTML 4Page - NXP Semiconductors BSR19 Datasheet HTML 5Page - NXP Semiconductors BSR19 Datasheet HTML 6Page - NXP Semiconductors BSR19 Datasheet HTML 7Page - NXP Semiconductors BSR19 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2004 Mar 15
2
NXP Semiconductors
Product data sheet
NPN high voltage transistors
BSR19; BSR19A
FEATURES
• Low current (max. 300 mA)
• High voltage (max. 160 V).
APPLICATIONS
• General purpose switching and amplification
• Especially used for telephony applications.
DESCRIPTION
NPN high-voltage transistor in a SOT23 plastic package.
PNP complements: BSR20 and BSR20A.
MARKING
Note
1.
* = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BSR19
56* or U35
BSR19A
57* or U36
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
2
1
3
MAM255
Top view
2
3
1
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BSR19
plastic surface mounted package; 3 leads
SOT23
BSR19A
plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BSR19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR19 PHILIPS-BSR19 Datasheet
67Kb / 8P
   NPN high-voltage transistors
1997 Apr 21
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Continental Device Indi...
BSR19 CDIL-BSR19 Datasheet
91Kb / 3P
   SILICON N?밣?밡 HIGH?밮OLTAGE TRANSISTORS
logo
NXP Semiconductors
BSR19A PHILIPS-BSR19A Datasheet
67Kb / 8P
   NPN high-voltage transistors
1997 Apr 21
logo
Guangdong Kexin Industr...
BSR19A KEXIN-BSR19A Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
More results

Similar Description - BSR19

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com